Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3202TLX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3202TLX
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3202TLX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3202TLX Datasheet HTML 7Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 8Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 9Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 10Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 11Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 12Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 13Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 14Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Application Information (Continued)
4.
Connect the ground pins of the LM3202, and filter ca-
pacitors together using generous component-side cop-
per fill as a pseudo-ground plane. Then connect this to
the ground-plane (if one is used) with several vias. This
reduces ground-plane noise by preventing the switching
currents from circulating through the ground plane. It
also reduces ground bounce at the LM3202 by giving it
a low-impedance ground connection.
5.
Use wide traces between the power components and for
power connections to the DC-DC converter circuit. This
reduces voltage errors caused by resistive losses across
the traces
6.
Route noise sensitive traces, such as the voltage feed-
back path, away from noisy traces between the power
components. The voltage feedback trace must remain
close to the LM3202 circuit and should be routed directly
from FB to V
OUT at the output capacitor and should be
routed opposite to noise components. This reduces EMI
radiated onto the DC-DC converter’s own voltage feed-
back trace.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com