Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3189 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 3 Page - Analog Devices

  ADP3189 Datasheet HTML 1Page - Analog Devices ADP3189 Datasheet HTML 2Page - Analog Devices ADP3189 Datasheet HTML 3Page - Analog Devices ADP3189 Datasheet HTML 4Page - Analog Devices ADP3189 Datasheet HTML 5Page - Analog Devices ADP3189 Datasheet HTML 6Page - Analog Devices ADP3189 Datasheet HTML 7Page - Analog Devices ADP3189 Datasheet HTML 8Page - Analog Devices ADP3189 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADP3189
Rev. 0 | Page 3 of 36
FUNCTIONAL BLOCK DIAGRAM
VCC
PRECISION
REFERENCE
DELAY
UVLO
SHUTDOWN
AND BIAS
OSCILLATOR
GND
EN
ADP3189
18
VRHOT 9
VRFAN 8
TTSENSE 10
PWRGD 2
31
RT
13
RAMPADJ
12
PWM2
29
14 LLSET
4
FB
6
SS
PWM3
28
PWM4
27
PWM5
26
SW1
25
CSREF
15
CSCOMP
17
SW2
24
SW3
23
SW5
21
SW4
22
CSSUM
16
VID4
35
VID3
36
VID2
37
VID1
38
1
VID0
39
VID6
33
VID7
32
VID5
34
COMP 5
DELAY 7
ILIMIT 11
VIDSEL 40
FBRTN 3
VID
DAC
DAC + 150mV
DAC – 250mV
CSREF
CURRENT
LIMIT
CIRCUIT
CROWBAR
CURRENT
LIMIT
CMP
CMP
CMP
CMP
CURRENT
BALANCING
CIRCUIT
2-/3-/4-/5-PHASE
DRIVER LOGIC
EN
SET
RESET
RESET
RESET
RESET
RESET
PWM1
30
OD
19
850mV
CMP
BOOT
VOLTAGE
& SOFT-START
CONTROL
THERMAL
THROTTLING
CONTROL
+
–
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com