Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B431DBR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B431DBR
Description  2.5V Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B431DBR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B431DBR Datasheet HTML 1Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 2Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 3Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 4Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 5Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 6Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 7Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 8Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94506
Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B431
B431D 1%
Parameter
Symbol
Condition
Min
Typ
Max
Units
Reference Voltage
VREF
VZ = VREF1 IZ = 10mA
(1)
2.470
2.495
2.520
V
VREF Temp Deviation
VDEV
VZ = VREF1 IZ = 10mA
(1)
4
17
mV
IZ = 10mA,∆VZ = 10V to VRef
-1.0
-2.7
Ratio of Change in
VREF To Change in VZ
∆ VREF
∆VZ
IZ = 10mA,∆VZ = 36V to 10V
-0.4
-2.0
mV/V
Reference Input
Current
IREF
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
0.7
4
µA
IREF Temperature
Deviation
IREF(DEV)
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
0.4
1.2
µA
Off-State Cathode
Current
IZ (OFF)
VREF = 0V, VZ =36V
(3)
0.1
1
µA
Dynamic Output
Impedance
rz
F <1kHz, VZ = VREF
IZ = 1mA to 100mA
(1)
0.20
0.50
Ω
Minimum Operating
Current
IZ(MIN)
VZ = VREF
(1)
0.4
1
mA
Note 1: B431D is rated at -40
°C to +85°C and 50ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com