Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB21 Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # MB21
Description  Ferrite Chip Bead(Lead Free)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

MB21 Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  MB21 Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. MB21 Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
Tai-Tech
Part Number
Impedance (Ω)
Test Frequency
(MHz)
DC Resistance
(Ω) max.
Rated Current
(mA) max.
MB21K300-06A
30±25%
100
0.10
600
MB21K600-09A
60±25%
100
0.10
900
MB21K121-08A
120±25%
100
0.20
800
MB21K221-07A
220±25%
100
0.30
750
MB21K301-07A
300±25%
100
0.30
700
MB21K601-05A
600±25%
100
0.40
500
MB21K102-04A
1000±25%
100
0.45
400
●
Rated current: based on temperature rise test
●
In compliance with EIA 595
1. Features
2. Dimensions
3. Part Numbering
4.Specification
Chip Size
A
2.00±0.20
B
1.25±0.20
C
0.85±0.20
D
0.50±0.30
Units: mm
1. Monolithic inorganic material construction.
2. Closed magnetic circuit avoids crosstalk.
3. S.M.T. type.
4. Suitable for reflow soldering.
5. Shapes and dimensions follow E.I.A. spec.
6. Available in various sizes.
7. Excellent solderability and heat resistance.
8. High reliability.
9. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
10. Operating Temperature: -55~+125℃(Including self-temperature rise)
Ferrite Chip Bead(Lead Free)
MB21-Series
Halogen-free
Halogen
MB
21
K
600
-
09
A
A
B
C
D
EF
A: Series
B: Dimension
C: Material
Lead Free Material
D: Impedance
600=60Ω
E: Rated Current
09=900mA
F: Category Code


Similar Part No. - MB21

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MB210 PANJIT-MB210 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB210 ZSELEC-MB210 Datasheet
112Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MB210-AU PANJIT-MB210-AU Datasheet
472Kb / 5P
Surface Mount Schottky Barrier Rectifier
June 17,2020 MB210-AU-REV.06
MB210-AU_R1_000A1 PANJIT-MB210-AU_R1_000A1 Datasheet
472Kb / 5P
Surface Mount Schottky Barrier Rectifier
June 17,2020 MB210-AU-REV.06
logo
SeCoS Halbleitertechnol...
MB2100F-C SECOS-MB2100F-C Datasheet
293Kb / 2P
2Amp Surface Mount Bridge Rectifiers
More results

Similar Description - MB21

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
MB31 TAI-TECH-MB31 Datasheet
83Kb / 2P
Ferrite Chip Bead(Lead Free)
MB18 TAI-TECH-MB18 Datasheet
84Kb / 2P
Ferrite Chip Bead(Lead Free)
MB15 TAI-TECH-MB15 Datasheet
130Kb / 2P
Ferrite Chip Bead(Lead Free)
FCM3216 TAI-TECH-FCM3216 Datasheet
106Kb / 2P
Ferrite Chip Bead(Lead Free)
FCM2012 TAI-TECH-FCM2012 Datasheet
134Kb / 4P
Ferrite Chip Bead(Lead Free)
FCM1608 TAI-TECH-FCM1608 Datasheet
123Kb / 4P
Ferrite Chip Bead(Lead Free)
FCM1005 TAI-TECH-FCM1005 Datasheet
107Kb / 2P
Ferrite Chip Bead(Lead Free)
FCM0603 TAI-TECH-FCM0603 Datasheet
110Kb / 3P
Ferrite Chip Bead(Lead Free)
FCM0402 TAI-TECH-FCM0402 Datasheet
88Kb / 2P
Ferrite Chip Bead(Lead Free)
FCA3216 TAI-TECH-FCA3216 Datasheet
78Kb / 2P
Ferrite Chip Bead Array(Lead Free)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com