Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSF2012F2SF Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # HSF2012F2SF
Description  Wire Wound Type Common Mode Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

HSF2012F2SF Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  HSF2012F2SF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. HSF2012F2SF Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. HSF2012F2SF Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. HSF2012F2SF Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd. HSF2012F2SF Datasheet HTML 5Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
A
B
1. Features
2. Dimension
3. Part Numbering
4. Specification
TAI-TECH
Part Number
Common mode
Impedance (Ω)
Test
Frequency
(MHz)
DC
Resistance
(Ω) max.
Rated Current
(mA)
Rated Volt.
(Vdc)
Withstand
Volt. (Vdc)
IR
(Ω) min.
HSF2012F2SF-500T04
50±25%
100
0.25
400
50
125
10M
HSF2012F2SF-670T04
67±25%
100
0.30
400
50
125
10M
HSF2012F2SF-900T04
90±25%
100
0.30
400
50
125
10M
1. High common mode impedance at high frequency cause excellent noise
suppression performance.
2. HSF2012F2SF series realizes small size and low profile. 2.0x1.2x1.2 mm.
3. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
4. Operating temperature -40~+125℃ (Including self - temperature rise)
HSF
2012
F
2
S
F
-
670
T
04
A
B
C
D
E
F
G
H
I
A: Series
B: Dimension
C: Material
Ferrite Core
D: Number of Lines
2=2 lines
E: Type
S=Shieded , N=Unshielded
F: Lead free
G: Impedance
670=67Ω
H: Packaging
T=Taping and Reel
I: Rated Current
04=400mA
Series
A(mm)
B(mm)
C(mm)
D1(mm)
D2(mm)
E(mm)
2012F2SF
2.0±0.2
1.2±0.2
1.2±0.2
0.50±0.1
0.51±0.1
0.15±0.1
Wire Wound Type Common Mode Filter
HSF2012F2SF-SERIES
Halogen-free
Halogen


Similar Part No. - HSF2012F2SF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
HSF2012F2SF-300T04-H TAI-TECH-HSF2012F2SF-300T04-H Datasheet
753Kb / 3P
Wire Wound Type Common Mode Filter
HSF2012F2SF-600T03-H TAI-TECH-HSF2012F2SF-600T03-H Datasheet
753Kb / 3P
Wire Wound Type Common Mode Filter
HSF2012F2SF-900T03-H TAI-TECH-HSF2012F2SF-900T03-H Datasheet
753Kb / 3P
Wire Wound Type Common Mode Filter
HSF2012F2SF-SERIES-H TAI-TECH-HSF2012F2SF-SERIES-H Datasheet
753Kb / 3P
Wire Wound Type Common Mode Filter
More results

Similar Description - HSF2012F2SF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WCL21S TAI-TECH-WCL21S Datasheet
125Kb / 2P
Wire Wound Type Common Mode Filter
DCM321620F2SF-600T02 TAI-TECH-DCM321620F2SF-600T02 Datasheet
108Kb / 1P
Wire Wound Type Common Mode Filter
ACM4532F2NF TAI-TECH-ACM4532F2NF Datasheet
137Kb / 2P
Wire Wound Type Common Mode Filter
ACM3225F2SF TAI-TECH-ACM3225F2SF Datasheet
179Kb / 2P
Wire Wound Type Common Mode Filter
ACM3225F2DF TAI-TECH-ACM3225F2DF Datasheet
143Kb / 2P
Wire Wound Type Common Mode Filter
WCM453220F2SF TAI-TECH-WCM453220F2SF Datasheet
195Kb / 2P
Wire Wound Type Common Mode Filter
WCM9070 TAI-TECH-WCM9070 Datasheet
114Kb / 1P
Wire Wound Type Common Mode Filter
WCM5025F2SF TAI-TECH-WCM5025F2SF Datasheet
171Kb / 2P
Wire Wound Type Common Mode Filter
HSF2012F2SF-SERIES-H TAI-TECH-HSF2012F2SF-SERIES-H Datasheet
753Kb / 3P
Wire Wound Type Common Mode Filter
HDMI2012F2SF TAI-TECH-HDMI2012F2SF Datasheet
302Kb / 2P
Wire Wound Type Common Mode Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com