Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB130NS04ZB Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB130NS04ZB
Description  N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB130NS04ZB Datasheet(HTML) 5 Page - STMicroelectronics

  STB130NS04ZB Datasheet HTML 1Page - STMicroelectronics STB130NS04ZB Datasheet HTML 2Page - STMicroelectronics STB130NS04ZB Datasheet HTML 3Page - STMicroelectronics STB130NS04ZB Datasheet HTML 4Page - STMicroelectronics STB130NS04ZB Datasheet HTML 5Page - STMicroelectronics STB130NS04ZB Datasheet HTML 6Page - STMicroelectronics STB130NS04ZB Datasheet HTML 7Page - STMicroelectronics STB130NS04ZB Datasheet HTML 8Page - STMicroelectronics STB130NS04ZB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
STP130NS04ZB - STB130NS04ZB - STW130NS04ZB
Figure 9: Gate Charge vs Gate-source Voltage
Figure 10: Normalized Gate Thereshold Volt-
age vs Temperature
Figure 11: Capacitance Variations
Figure 12: Normalized On Resistance vs Tem-
perature
Figure 13: Source-drain Diode Forward Char-
acteristics
Figure 14: Normalized BVDSS vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com