Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1890455 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1890455
Description  PCB terminal block - ZFK3DSA 1,5-6,08 BK(BC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1890455 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1890455 Datasheet HTML 1Page - PHOENIX CONTACT 1890455 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1890455
10/28/2014   Page 1 / 2
PCB terminal block - ZFK3DSA 1,5-6,08 BK(BC) - 1890455
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 12 A, Nom. voltage: 400 V, Pitch: 5.08 mm, Number of positions: 1,
Connection method: Spring-cage connection, Mounting: Soldering, Conductor/PCB connection direction: 45 °,
Color: black
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
5.42 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
32.2 mm
Pitch
5.08 mm
Pin dimensions
0,7 x 1 mm
Hole diameter
1.3 mm
General
Range of articles
ZFK3DS(A) 1,5
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
1.5 mm²
Maximum load current
12 A
Insulating material
PA
Solder pin surface
Sn
Inflammability class according to UL 94
V0
Internal cylindrical gage
A1


Similar Part No. - 1890455

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
189040 FESTO-189040 Datasheet
75Kb / 1P
Position sensor
189041 FESTO-189041 Datasheet
74Kb / 1P
Position sensor
189042 FESTO-189042 Datasheet
75Kb / 1P
Position sensor
logo
PHOENIX CONTACT
1890442 PHOENIX-1890442 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DS 1,5-5,08 BK(BC)
1890468 PHOENIX-1890468 Datasheet
59Kb / 4P
PCB terminal block - FRONT 4-H-6,35-7
More results

Similar Description - 1890455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704554 PHOENIX-1704554 Datasheet
59Kb / 4P
PCB terminal block - ZFK3DSA 1,5-6,08
1868788 PHOENIX-1868788 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DSA 1,5-6,08 KMGY
1870912 PHOENIX-1870912 Datasheet
50Kb / 3P
PCB terminal block - ZFKKDSA 1,5-6,08 BK
1890442 PHOENIX-1890442 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DS 1,5-5,08 BK(BC)
1891292 PHOENIX-1891292 Datasheet
49Kb / 3P
PCB terminal block - ZFK3DSA 1,5-5,08- 2
1907940 PHOENIX-1907940 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DSA 1,5-6,08 BK
1991684 PHOENIX-1991684 Datasheet
42Kb / 2P
PCB terminal block - ZFK3DSA 1,5-5,08-16
1869923 PHOENIX-1869923 Datasheet
283Kb / 5P
PCB terminal block - ZFK4DSA 1,5-6,08
02/04/2022
1706167 PHOENIX-1706167 Datasheet
80Kb / 5P
PCB terminal block - ZFK3DSA 1,5-5,08-DS
09/11/2020
1871856 PHOENIX-1871856 Datasheet
249Kb / 9P
ZFKDSA 1,5-6,08 - PCB terminal block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com