Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCL2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCL2
Description  GENERAL PURPOSE MIDGET CLASS MCL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCL2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCL2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCL2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Edison Fuses - MCL Specifications
Power Products
1-8 00-6 3 3-0 4 0 5
26–58
EDISON FUSES – GENERAL PURPOSE MIDGET CLASS MCL
Features
• Provide supplemental protection to
end-use equipment
• Compact dimensions
• High interrupting rating
• Fast-acting design responds quickly to
both overloads and short-circuit current
Applications
• Control circuits, electronic equipment
protection, street lighting holders, and
HID lighting
MCL Specifications
Fast-Acting
Voltage Rating: MCL - 600 VAC
Ampere Rating: 0.5 - 50 Amps
Interrupting Rating: 100,000 RMS Amps
Agency Approvals:
• (0.1 - 30) UL Listed to 248.14, File E162443
• (0.1 - 30) CSA Certified C22.2, Part 59.2,
LR700489
• CE Compliant
DIMENSIONS
Amps
Ferrule (in)
Length (in)
0.5 - 50
13/32
1-1/2
CROSS REFERENCE
EDISON BUSSMANN GOULD LITTELFUSE
MCL
KTK
ATM
KLK
RMS SYMMETRICAL CURRENT IN AMPERES
300
200
100
80
60
40
30
20
10
8
6
4
3
2
1
0.8
0.6
0.4
0.3
0.2
0.1
0.08
0.06
0.04
0.03
0.02
0.01
AMPERE
RATING
AMPERE RATINGS
MCL - 600 VAC
0.5
2.5
5
12
30
1
3
6
15
35
1.5
3.5
8
20
40
2
4
10
25
50
Characteristic Curves
MCL Series Fuses
Part Number Pcs/Pkg Weight Price
MCL-5
10/1
0.2 lb
$34.00
MCL1
10/1
0.2 lb
$32.00
MCL1-5
10/1
0.2 lb
$35.00
MCL2
10/1
0.2 lb
$32.00
MCL2-5
10/1
0.2 lb
$39.00
MCL3
10/1
0.2 lb
$32.00
MCL3-5
10/1
0.2 lb
$41.00
MCL4
10/1
0.2 lb
$33.00
MCL5
10/1
0.2 lb
$32.00
MCL6
10/1
0.2 lb
$31.00
MCL8
10/1
0.2 lb
$33.00
MCL10
10/1
0.2 lb
$32.00
MCL12
10/1
0.2 lb
$37.00
MCL15
10/1
0.2 lb
$32.00
MCL20
10/1
0.2 lb
$32.00
MCL25
10/1
0.2 lb
$32.00
MCL30
10/1
0.2 lb
$32.00
MCL35
10/1
0.2 lb
$41.00
MCL40
10/1
0.2 lb
$37.00
MCL50
10/1
0.2 lb
$42.00


Similar Part No. - MCL2

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MCL223BD MULTICOMP-MCL223BD Datasheet
894Kb / 3P
Tower LED Amber, 2mm
17/09/19 V1.0
logo
Semtech Corporation
MCL245 SEMTECH-MCL245 Datasheet
215Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
SEMTECH ELECTRONICS LTD...
MCL245 SEMTECH_ELEC-MCL245 Datasheet
174Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
List of Unclassifed Man...
MCL2501 ETC1-MCL2501 Datasheet
898Kb / 8P
HIGH-SPEED TRANSISTOR OPTOCOUPLERS
MCL2502 ETC1-MCL2502 Datasheet
898Kb / 8P
HIGH-SPEED TRANSISTOR OPTOCOUPLERS
More results

Similar Description - MCL2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
Class CC/CD and Midget Fuse Blocks
logo
List of Unclassifed Man...
CC0201KRX5R4BB ETC1-CC0201KRX5R4BB Datasheet
374Kb / 18P
General purpose & High capacitance Class 2, X5R
logo
AVX Corporation
5SS103MBKCC AVX-5SS103MBKCC Datasheet
70Kb / 4P
Disc Ceramic Capacitors General Specifications - Class II General Purpose
logo
Littelfuse
L60030M2SQ LITTELFUSE-L60030M2SQ Datasheet
167Kb / 2P
Class CC/CD and Midget Fuse Blocks
logo
List of Unclassifed Man...
RH4B-ULDC24V ETC2-RH4B-ULDC24V Datasheet
176Kb / 6P
RH Series - General Purpose Midget Relays
logo
Texas Instruments
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
General-Purpose I2S Input Class-D Amplifier
logo
Littelfuse
0SPL0001T LITTELFUSE-0SPL0001T Datasheet
551Kb / 2P
CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
Rev: 030619
FBDIN1 LITTELFUSE-FBDIN1 Datasheet
550Kb / 2P
CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
2019 Rev: 030619
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com