Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1373LKB Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # A1373LKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373LKB Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A1373LKB Datasheet HTML 8Page - Allegro MicroSystems A1373LKB Datasheet HTML 9Page - Allegro MicroSystems A1373LKB Datasheet HTML 10Page - Allegro MicroSystems A1373LKB Datasheet HTML 11Page - Allegro MicroSystems A1373LKB Datasheet HTML 12Page - Allegro MicroSystems A1373LKB Datasheet HTML 13Page - Allegro MicroSystems A1373LKB Datasheet HTML 14Page - Allegro MicroSystems A1373LKB Datasheet HTML 15Page - Allegro MicroSystems A1373LKB Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
Chopper Stabilization Technique
Chopper stabilization is a unique approach used to minimize
Hall offset on the chip. The patented Allegro technique, namely
Dynamic Quadrature Offset Cancellation, removes key sources
of the output drift induced by thermal and mechanical stresses.
This offset reduction technique is based on a signal modulation-
demodulation process. The undesired offset signal is separated
from the magnetic field-induced signal in the frequency domain,
through modulation.
The subsequent demodulation acts as a modulation process for
the offset, causing the magnetic field-induced signal to recover
its original spectrum at baseband, while the dc offset becomes
a high-frequency signal. The magnetic-sourced signal then can
pass through a low-pass filter, while the modulated dc offset is
suppressed.
The chopper stabilization technique uses a 200 kHz high
frequency clock. For demodulation process, a sample and hold
technique is used, where the sampling is performed at twice the
chopper frequency (400 kHz). This high-frequency operation
allows a greater sampling rate, which results in higher accuracy
and faster signal-processing capability.
This approach desensitizes the chip to the effects of thermal and
mechanical stresses, and produces devices that have extremely
stable quiescent Hall output voltages and precise recoverabil-
ity after temperature cycling. This technique is made possible
through the use of a BiCMOS process, which allows the use of
low-offset, low-noise amplifiers in combination with high-den-
sity logic integration and sample-and-hold circuits.
Amp
Regulator
Clock/Logic
Hall Element
Low-Pass
Filter
Concept of Chopper Stabilization Technique



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com