Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DSXT Datasheet(PDF) 78 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 74Page - STMicroelectronics STV82X7DSXT Datasheet HTML 75Page - STMicroelectronics STV82X7DSXT Datasheet HTML 76Page - STMicroelectronics STV82X7DSXT Datasheet HTML 77Page - STMicroelectronics STV82X7DSXT Datasheet HTML 78Page - STMicroelectronics STV82X7DSXT Datasheet HTML 79Page - STMicroelectronics STV82X7DSXT Datasheet HTML 80Page - STMicroelectronics STV82X7DSXT Datasheet HTML 81Page - STMicroelectronics STV82X7DSXT Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 149 page
background image
Register List
STV82x7
78/149
IRQ_STATUS
IRQ Status Register
SOFT_VERSION
Embedded Software Version Register
ONCHIP_ALGOS
Register Description
HW_RESET
0
DSP Hardware reset when set.
Bits[1:0]
00
Reserved.
Address: 81h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IRQ7
IRQ6
IRQ5
IRQ4
IRQ3
IRQ2
IRQ1
IRQ0
Bit Name
Reset
Function
Bits[7:4]
0000
Reserved.
IRQ3
0
Unmute HP/Srnd DAC IRQ
IRQ2
0
HP connection/deconnectionIRQ
IRQ1
0
I2S lock lostIRQ
IRQ0
0
Auto-Standard IRQ
Address: 82h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SOFT_VERSION[7:0]
Bit Name
Reset
Function
SOFT_VERSION[7:0]
0000
0002
Version of the Embedded software.
Address: 83h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
PRO_LOGIC_
SELECT
NICAM
I2S_INPUT
TRUBASS
TRU
SURROUND
PRO_LOGIC
MULTICHANNEL
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com