Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6036 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC6036
Description  Silicon NPN epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC6036 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC6036 Datasheet HTML 1Page - Panasonic Semiconductor 2SC6036 Datasheet HTML 2Page - Panasonic Semiconductor 2SC6036 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
Publication date : December 2004
SJC00324AED
1
2SC6036
Silicon NPN epitaxial planar type
For general amplification
Complementary to 2SA2162
Features
Low collector-emitter saturation voltage VCE(sat)
SSS-Mini type package, allowing downsizing of the equipment and automatic
insertion through the tape packing
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
15
V
Collector-emitter voltage (Base open)
VCEO
12
V
Emitter-base voltage (Collector open)
VEBO
5
V
Collector current
IC
500
mA
Peak collector current
ICP
1
A
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°
C
Storage temperature
Tstg
–55 to +125
°
C
Electrical Characteristics Ta = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 0
15
V
Collector-emitter voltage (Base open)
VCEO
IC = 1 mA, IB = 0
12
V
Emitter-base voltage (Collector open)
VEBO
IE = 10 µA, IC = 0
5
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 10 V, IE = 0
0.1
µ
A
Forward current transfer ratio
hFE
VCE = 2 V, IC = 10 mA
270
680
Collector-emitter saturation voltage
VCE(sat) IC = 200 mA, IB = 10 mA
250
mV
Transition frequency
fT
VCB = 2 V, IE = –10 mA, f = 200 MHz
200
MHz
Collector output capacitance
(Common base, input open circuited)
Cob
VCB = 10 V, f = 1 MHz
4.5
pF
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Unit: mm
1: Base
2: Emitter
3: Collecter
SSSMini3-F1 Package
0.33
(0.40)
(0.40)
1
2
3
5°
0.80±0.05
1.20±0.05
+
0.05
−
0.02
0.10+0.05
−
0.02
0.23+0.05
−
0.02
Marking Symbol : 4U


Similar Part No. - 2SC6036

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6033 TOSHIBA-2SC6033 Datasheet
211Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
01-Jul-2004
2SC6033 TOSHIBA-2SC6033 Datasheet
212Kb / 5P
Silicon NPN Epitaxial Type
2SC6033 TOSHIBA-2SC6033 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC6033 TOSHIBA-2SC6033_06 Datasheet
212Kb / 5P
Silicon NPN Epitaxial Type
2SC6034 TOSHIBA-2SC6034 Datasheet
180Kb / 5P
Silicon NPN Triple Diffused Type
More results

Similar Description - 2SC6036

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
19-Mar-2003
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com