Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6801SEP Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A6801SEP
Description  DABiC-5 Latched Sink Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6801SEP Datasheet(HTML) 3 Page - Allegro MicroSystems

  A6801SEP Datasheet HTML 1Page - Allegro MicroSystems A6801SEP Datasheet HTML 2Page - Allegro MicroSystems A6801SEP Datasheet HTML 3Page - Allegro MicroSystems A6801SEP Datasheet HTML 4Page - Allegro MicroSystems A6801SEP Datasheet HTML 5Page - Allegro MicroSystems A6801SEP Datasheet HTML 6Page - Allegro MicroSystems A6801SEP Datasheet HTML 7Page - Allegro MicroSystems A6801SEP Datasheet HTML 8Page - Allegro MicroSystems A6801SEP Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
A6800/A6801
DABiC-5 Latched Sink Drivers
ELECTRICAL CHARACTERISTICS1 Unless otherwise noted: TA = 25°C, logic supply operating voltage Vdd=3.0Vto5.5V
Characteristic
Symbol
Test Conditions
Vdd = 3.3V
Vdd = 5V
Units
Min.
Typ.
Max. Min.
Typ.
Max.
Output Leakage Current
ICEX
VOUT = 50 V
–
–
10
–
–
10
µA
Output Sustaining Voltage
VCE(SUS)
IOUT = 350 mA, L = 3 mH
35
–
–
35
–
–
V
Collector-Emitter Saturation
Voltage
VCE(SAT)
IOUT = 100 mA
–
0.8
1.0
–
0.8
1.0
V
IOUT = 200 mA
–
0.9
1.1
–
0.9
1.1
V
IOUT = 350 mA (See note 2)
–
1.0
1.3
–
1.0
1.3
V
Input Voltage
VIN(1)
2.2
–
–
3.3
–
–
V
VIN(0)
–
–
1.1
–
–
1.7
V
Input Resistance
RIN
50
–
–
50
–
–
kΩ
Logic Supply Current
IDD(1)
One output on, IOUT = 100 mA
–
–
1.0
–
–
1.0
mA
IDD(0)
All outputs off
–
130
150
–
130
150
µA
Clamp Diode Leakage Current
Ir
Vr= 50 V
–
–
50
–
–
50
µA
Clamp Diode Forward Voltage
Vf
If = 350 mA
–
–
2.0
–
–
2.0
V
Output Fall Time
tf
VCC = 50V, R1 = 500 Ω, C1≤30pF
–80–
–80–
ns
Output Rise Time
tr
VCC = 50V, R1 = 500 Ω, C1≤30pF
–
100
–
–
100
–
ns
1
Operation of these devices with standard TTL or DTL may require the use of appropriate pull-up resistors to ensure a minimum logic 1.
2
Because of limitations on package power dissipation, the simultaneous operation of multiple drivers can only be accomplished by reduction in duty cycle.
OUT N
INN
STR OB E
C L EAR
E NAB L E
t-1
t
0
100
X
OF F
1
100
X
ON
XX
1
X
X
OF F
XX
X
1
X
OF F
X
0
0
0
ON
ON
X0
0
0
OF F
OF F
X = irrelevant
t-1 = previous output state
t = present output state
OUTP UT
Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com