Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0900LB Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P0900LB
Description  Thyristor Surge Suppressors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0900LB Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0900LB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0900LB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0900LB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0900LB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P0900LB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P0900LB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P0900LB Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd P0900LB Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd P0900LB Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Thyristor Surge Suppressors
P0060~P3500LA_B_C Series
Figure 5. Test circuit 3 for dynamic IH parameter
TEST PROCEDURE
1/ Adjust the current level at the Iv alue by short circuiting the AK of the D.U.T.
2/ Fire the D.U.T.w ith a surge current
H
I=
10A, 10/1000µs.
3/ The D.U.T.w ill come back off-state within 50ms maximum.
PP
This is a GO-NOGO test which allows to confirm the holding current (I ) level in a
functional test circuit.
H
R
VBAT =- 48 V
Surge generator
D.U.T
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com