Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L6983 Datasheet HTML 55Page - STMicroelectronics L6983 Datasheet HTML 56Page - STMicroelectronics L6983 Datasheet HTML 57Page - STMicroelectronics L6983 Datasheet HTML 58Page - STMicroelectronics L6983 Datasheet HTML 59Page - STMicroelectronics L6983 Datasheet HTML 60Page - STMicroelectronics L6983 Datasheet HTML 61Page - STMicroelectronics L6983 Datasheet HTML 62Page - STMicroelectronics L6983 Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Pin connection (top through view) ....................................................... 4
Figure 3.
Basic application (adjustable version) .................................................... 6
Figure 4.
Power-up/down behavior ............................................................ 12
Figure 5.
Soft-start procedure ............................................................... 13
Figure 6.
Soft-start phase with IOUT = 2.5 A ...................................................... 13
Figure 7.
Light load operation................................................................ 14
Figure 8.
LCM operation with ISKIP = 600 mA typ. at zero load. L = 15 µH; COUT = 40 µF....................... 15
Figure 9.
LCM operation over loading condition (part 1-pulse skipping) ................................... 15
Figure 10.
LCM operation over loading condition (part 2-pulse skipping) ................................... 16
Figure 11.
LCM operation over loading condition (part 3-pulse skipping) ................................... 16
Figure 12.
LCM operation over loading condition (part 4-CCM) ......................................... 17
Figure 13.
Low noise mode operation at zero load .................................................. 18
Figure 14.
Light-load efficiency for low consumption mode and low noise mode - linear scale..................... 19
Figure 15.
Light-load efficiency for low consumption mode and low noise mode - log scale ...................... 19
Figure 16.
Load regulation for LCM and LNM. VIN = 24 V; VOUT = 5 V; FSW = 400 kHz - linear scale................ 20
Figure 17.
Load regulation for low noise mode. VIN = 24 V; VOUT = 5 V; FSW = 400 kHz - log scale................. 20
Figure 18.
Switch-over ..................................................................... 21
Figure 19.
Over current protection behavior ....................................................... 22
Figure 20.
Soft-start procedure with VOUT shorted to GND............................................. 23
Figure 21.
Over current procedure with persistent short circuit between VOUT and GND ........................ 24
Figure 22.
PGOOD thresholds ................................................................ 25
Figure 23.
Block diagram of the loop............................................................ 26
Figure 24.
Trans-conductance embedded error amplifier .............................................. 27
Figure 25.
Leading network example ........................................................... 28
Figure 26.
Leading network example ........................................................... 29
Figure 27.
External synchronization. Direct connection................................................ 29
Figure 28.
External synchronization. AC coupling ................................................... 30
Figure 29.
Application circuit ................................................................. 31
Figure 30.
Evaluation board schematic .......................................................... 34
Figure 31.
Top layer ....................................................................... 36
Figure 32.
Bottom layer..................................................................... 36
Figure 33.
Efficiency VIN = 24 V; VOUT = 5 V; FSW = 0.4 MHZ .......................................... 37
Figure 34.
Efficiency VIN = 24 V; VOUT = 5 V; FSW = 0.4 MHZ (log scale)................................... 37
Figure 35.
Power losses VIN = 24 V; VOUT = 5 V; FSW = 0.4 MHZ ........................................ 38
Figure 36.
Efficiency VIN = 12 V; VOUT = 5 V; FSW = 0.4 MHZ .......................................... 38
Figure 37.
Efficiency VIN = 12 V; VOUT = 5 V; FSW = 0.4 MHZ (log scale)................................... 39
Figure 38.
Power losses VIN = 12 V; VOUT = 5 V; FSW = 0.4 MHZ ........................................ 39
Figure 39.
Efficiency VIN = 24 V; VOUT = 3.3 V; FSW = 0.4 MHZ ......................................... 40
Figure 40.
Efficiency VIN = 24 V; VOUT = 3.3 V; FSW = 0.4 MHZ (log scale) ................................. 40
Figure 41.
Power losses VIN = 24 V; VOUT = 3.3 V; FSW = 0.4 MHZ ...................................... 41
Figure 42.
Efficiency VIN = 12 V; VOUT = 3.3 V; FSW = 0.4 MHZ ......................................... 42
Figure 43.
Efficiency VIN = 12 V; VOUT = 3.3 V; FSW = 0.4 MHZ (log scale) ................................. 42
Figure 44.
Power losses VIN = 12 V; VOUT = 3.3 V; FSW = 0.4 MHZ ...................................... 43
Figure 45.
Efficiency VIN = 24 V; VOUT = 3.3 V; FSW = 1.0 MHZ ......................................... 44
Figure 46.
Efficiency VIN = 24 V; VOUT = 3.3 V; FSW = 1.0 MHZ (log scale) ................................. 44
Figure 47.
Power losses VIN = 24 V; VOUT = 3.3 V; FSW = 1.0 MHZ ...................................... 45
Figure 48.
Efficiency VIN = 12 V; VOUT = 3.3 V; FSW = 1.0 MHZ ......................................... 46
Figure 49.
Efficiency VIN = 12 V; VOUT = 3.3 V; FSW = 1.0 MHZ (log scale) ................................. 46
L6983
List of figures
DS13116 - Rev 1
page 61/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com