Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983CQTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6983CQTR
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983CQTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6983CQTR Datasheet HTML 23Page - STMicroelectronics L6983CQTR Datasheet HTML 24Page - STMicroelectronics L6983CQTR Datasheet HTML 25Page - STMicroelectronics L6983CQTR Datasheet HTML 26Page - STMicroelectronics L6983CQTR Datasheet HTML 27Page - STMicroelectronics L6983CQTR Datasheet HTML 28Page - STMicroelectronics L6983CQTR Datasheet HTML 29Page - STMicroelectronics L6983CQTR Datasheet HTML 30Page - STMicroelectronics L6983CQTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
mC=1+SeSn
Se=ISLOPE∙fSW
Sn=VIN−VOUT
L
(14)
FHs = 1
1+ sωn∙QP+s2ωn2
(15)
where:
QP= 1
π∙ mC∙ 1−D −0.5
(16)
7.2
Error amplifier compensation network
The following figure shows the typical compensation network required to stabilize the system.
Figure 24. Trans-conductance embedded error amplifier
VREF
FB
E/A
RC
CC
RC
CC
RO
CO
V
V
Gm dV
REF
FB
dV
RC and CC introduce a pole and a zero in the open loop gain. The transfer function of the error amplifier and its
compensation network is:
AOs =
AVO∙ 1+s∙RC∙CC
s2∙RO∙CO∙RC∙CC+s∙ RO∙CC+RO∙CO+RC∙CC +1
(17)
where:
AVO=Gm∙RO
(18)
The poles of this transfer function are (if CC >> CO):
L6983
Error amplifier compensation network
DS13116 - Rev 1
page 27/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com