Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983C33QTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6983C33QTR
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983C33QTR Datasheet(HTML) 4 Page - STMicroelectronics

  L6983C33QTR Datasheet HTML 1Page - STMicroelectronics L6983C33QTR Datasheet HTML 2Page - STMicroelectronics L6983C33QTR Datasheet HTML 3Page - STMicroelectronics L6983C33QTR Datasheet HTML 4Page - STMicroelectronics L6983C33QTR Datasheet HTML 5Page - STMicroelectronics L6983C33QTR Datasheet HTML 6Page - STMicroelectronics L6983C33QTR Datasheet HTML 7Page - STMicroelectronics L6983C33QTR Datasheet HTML 8Page - STMicroelectronics L6983C33QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
2
Pin configuration
Figure 2. Pin connection (top through view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
E.P.
VIN
VINLDO
AGND
EN/CLKIN
VCC
AGND
BOOT
VIN
Table 1. Pin description
Pin
Symbol
Function
1
VIN
DC input voltage.
2
VINLDO
DC input voltage connected to the supply rail with a simple RC filter.
3
AGND
Analog ground.
4
EN / CLKIN
Enable pin with internal voltage divider. Pull-down/up to disable/
enable the device.
In LNM versions, this pin is also used to provide an external clock
signal, which synchronizes the device.
5
PGOOD
The PGOOD open collector output is driven to low impedance when
the output voltage is out of regulation and released once the output
voltage becomes valid.
6
VBIAS
Typically connected to the regulated output voltage, an external
voltage source can be used to supply part of the analog circuitry to
reduce current consumptions at light load. Connect it to AGND if not
used.
7
FB/VOUT
This pin operates as VOUT or FB according to the selected part
number. In fixed output voltage versions, VOUT is the output voltage
sensing with selected internal voltage divider.
In adjustable versions, FB is output voltage sensing with eternal
voltage divider.
8
FSW
Connect an external resistor to program the oscillator frequency and
enable the optional dithering.
9
VCC
This pin supplies the embedded analog circuitry. Connect a ceramic
capacitor (≥ 1 µF) to filter internal voltage reference.
10
AGND
Analog ground.
11
BOOT
Connect an external capacitor (100 nF typ.) between BOOT and SW
pins. The gate charge required to drive the internal NMOS is
refreshed during the low-side switch conduction time.
L6983
Pin configuration
DS13116 - Rev 1
page 4/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com