Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

024484 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # 024484
Description  Anchor, PISA 4, 14in, 1in threads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

024484 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  024484 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
Coating
Painted
Number of Helices
1
Torque Rating
4000 ft-lbs
Type
Anchor Helix
UPC
096359209683
Dimensions
Anchor Helix Diameter(s)
14 in
Anchor Hub Size
1.375 in
Rod Diameter
0.750
1.000 in
Weight
21.991 lb
Certifications and Compliance
Industry Standard(s)
RUS Accepted
Logistics
Pallet Quantity
48 EA
Standard Package
2
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
* Representative image
Anchor, PISA 4, 14in, 1in threads
by CHANCE Utility
Catalog ID: 024484
Standard Strength Anchor Helix.- 4,000 Ft Lbs ( 5,424 N-M), 14" (355
mm) Helix for use with 0.75" (19.1 mm) or 1" (25.4 mm) Rod.
Installed with Chance anchor wrench C1021583
Anchor has curvilinear leading edges to help penetrate rocky soils and
to reduce damage during installation
1" threads to fit 3/4" and 1" diameter Pisa rod
Anchors are painted with a black paint


Similar Part No. - 024484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
02440 ETC2-02440 Datasheet
357Kb / 3P
Wide-Vue Style Analog Panel Meters
logo
Weidmuller
0244060000 WEIDMULLER-0244060000 Datasheet
46Kb / 1P
Single- and multi-pole terminal strip, Screw connection, Polyamide, beige
0244100000 WEIDMULLER-0244100000 Datasheet
58Kb / 2P
Wire-end ferrule, 4 mm짼
0244100000 WEIDMULLER-0244100000 Datasheet
58Kb / 2P
Wire-end ferrule, 4 mm짼
0244220000 WEIDMULLER-0244220000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 024484

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C1021987 HUBBELL-C1021987 Datasheet
368Kb / 1P
Anchor, PISA Rod, 1in X 3.5ft 50kip rating, 1in threads
012905 HUBBELL-012905 Datasheet
364Kb / 1P
Anchor, PISA 4, 2-10in, 1in threads
012904 HUBBELL-012904 Datasheet
370Kb / 1P
Anchor, PISA 4, 2-8in, 1in threads
C1022061 HUBBELL-C1022061 Datasheet
367Kb / 1P
Anchor, PISA Rod, 1in X 3.5ft corrosion protection, 1in threads
12334P HUBBELL-12334P Datasheet
367Kb / 1P
Anchor, PISA Rod, 1in X 7ft, 1in threads
V1021428 HUBBELL-V1021428 Datasheet
370Kb / 1P
Anchor, PISA 7, 2-4in, 1in threads
T1022142 HUBBELL-T1022142 Datasheet
369Kb / 1P
Anchor, PISA 6, 14in, 1in threads
E1020822 HUBBELL-E1020822 Datasheet
370Kb / 1P
Anchor, PISA 6, 2-8in, 1in threads
E1020049 HUBBELL-E1020049 Datasheet
373Kb / 1P
Anchor, PISA Rod, 1in X 3.5ft Tripleye, 1in threads
E1020045 HUBBELL-E1020045 Datasheet
372Kb / 1P
Anchor, PISA Rod, 1in X 7ft Twineye, 1in threads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com