Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5281CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5281CS
Description  Dual 8ns High-Speed Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5281CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL5281CS Datasheet HTML 1Page - Intersil Corporation EL5281CS Datasheet HTML 2Page - Intersil Corporation EL5281CS Datasheet HTML 3Page - Intersil Corporation EL5281CS Datasheet HTML 4Page - Intersil Corporation EL5281CS Datasheet HTML 5Page - Intersil Corporation EL5281CS Datasheet HTML 6Page - Intersil Corporation EL5281CS Datasheet HTML 7Page - Intersil Corporation EL5281CS Datasheet HTML 8Page - Intersil Corporation EL5281CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7188
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL5281
Dual 8ns High-Speed Comparator
The EL5281 comparator is designed
for operation in single supply and dual
supply applications with 5V to 12V
between VS+ and VS-. For single supplies, the inputs can
operate from 0.1V below ground for use in ground-sensing
applications.
The output side of the comparator can be supplied from a
single supply of 2.7V to 5V. The rail-to-rail output swing
enables direct connection of the comparator to both CMOS
and TTL logic circuits.
The latch input of the EL5281 can be used to hold the
comparator output value by applying a low logic level to the
pin. The EL5281 features two separate comparators.
The EL5281 is available in the 14-pin SO package and is
specified for operation over the full -40°C to +85°C
temperature range. Also available are a single (EL5181) and
quad versions (EL5481 and EL5482).
Pinout
Features
• 8ns Typ. Propagation Delay
• 5V to 12V Input Supply
• +2.7V to +5V Output Supply
• True-to-ground Input
• Rail-to-rail Outputs
• Active Low Latch
• Single Available (EL5181)
• Quad Available (EL5481 & EL5482)
• Pin-compatible 4ns Family Available (EL5x85, EL5287 &
EL5486)
Applications
• Threshold Detection
• High Speed Sampling Circuits
• High Speed Triggers
• Line Receivers
• PWM Circuits
• High Speed V/F Converters
1
2
3
4
14
13
12
11
5
6
7
10
9
8
EL5281
(14-PIN SO)
TOP VIEW
VS+
INA+
INA-
NC
INB+
INB-
VS-
VSD
OUTA
LATCHA
NC
LATCHB
OUTB
GND
+
-
+
-
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL
PKG. NO.
EL5281CS
14-Pin SO
-
MDP0027
EL5281CS-T7
14-Pin SO
7”
MDP0027
EL5281CS-T13
14-Pin SO
13”
MDP0027
Data Sheet
June 14, 2001
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T
con
tact
our
Tech
nica
l Su
ppo
rt Ce
nter
at
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.
com
/tsc


Similar Part No. - EL5281CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5281CS ELANTEC-EL5281CS Datasheet
108Kb / 11P
Dual 8ns High-Speed Comparator
EL5281CS-T13 ELANTEC-EL5281CS-T13 Datasheet
108Kb / 11P
Dual 8ns High-Speed Comparator
EL5281CS-T7 ELANTEC-EL5281CS-T7 Datasheet
108Kb / 11P
Dual 8ns High-Speed Comparator
More results

Similar Description - EL5281CS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
HIGH SPEED DUAL COMPARATOR
logo
Elantec Semiconductor
EL5181C ELANTEC-EL5181C Datasheet
106Kb / 11P
8ns High-Speed Comparator
EL5281C ELANTEC-EL5281C Datasheet
108Kb / 11P
Dual 8ns High-Speed Comparator
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
Dual and Window 8ns High-Speed Comparators
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
Quad 8ns High-Speed Comparators
logo
Intersil Corporation
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
Window 8ns High-Speed Comparator
January 17, 2002
EL5181 INTERSIL-EL5181 Datasheet
106Kb / 9P
8ns High-Speed Comparator
December 4, 2001
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
High Speed Dual Comparator
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
High Speed Dual Comparator
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
Quad 8ns High-Speed Comparators
June 14, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com