Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5285CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5285CS
Description  Dual 4ns High-Speed Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5285CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL5285CS Datasheet HTML 1Page - Intersil Corporation EL5285CS Datasheet HTML 2Page - Intersil Corporation EL5285CS Datasheet HTML 3Page - Intersil Corporation EL5285CS Datasheet HTML 4Page - Intersil Corporation EL5285CS Datasheet HTML 5Page - Intersil Corporation EL5285CS Datasheet HTML 6Page - Intersil Corporation EL5285CS Datasheet HTML 7Page - Intersil Corporation EL5285CS Datasheet HTML 8Page - Intersil Corporation EL5285CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Typical Performance Curves (Continued)
Output with 50MHz Input
VIN=1VP-P
Output with 50MHz Input
VIN=3VP-P
Output
(5ns/div,
2V/div)
Input
(5ns/div,
0.5V/div)
Output
(5ns/div,
2V/div)
Input
(5ns/div,
2V/div)
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
0.9
0
0.6
0.3
0.2
0.1
0.8
0.4
0100
75
50
25
Ambient Temperature (°C)
125
0.5
0.7
85
833mW
SO1
4
12
0°C
/W
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-7 High Effective Thermal Conductivity Test
Board
1.4
1.2
1
0.8
0.6
0.4
0
0.2
0
125
75
50
25
Ambient Temperature (°C)
150
100
85
1.136W
88
°C
/W
SO
14
Propagation Delay vs Load Capacitance
VIN=1VSTEP
7.5
7
6
5
4
0
10
406080
90
100
CLOAD (pF)
TPD+
TPD-
20
50
70
30
6.5
5.5
VS=±5V
VSD=5V
VOD=50mV
RL=2.3kΩ
4.5
EL5285



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com