Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPI0302BM-331M Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # FPI0302BM-331M
Description  SMD Type Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

FPI0302BM-331M Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  FPI0302BM-331M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. FPI0302BM-331M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAI-TECH
P2
4. Specification
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test
Frequency
(Hz)
DCR
(Ω) max.
IDC
(A) max.
FPI 0302BM-1R0M
1.0
± 20%
1V/7.96M
0.04
1.50
FPI 0302BM-1R4M
1.4
± 20%
1V/7.96M
0.05
1.50
FPI 0302BM-1R8M
1.8
± 20%
1V/7.96M
0.06
0.80
FPI 0302BM-2R2M
2.2
± 20%
1V/7.96M
0.08
0.75
FPI 0302BM-2R7M
2.7
± 20%
1V/7.96M
0.10
0.75
FPI 0302BM-3R3M
3.3
± 20%
1V/7.96M
0.15
0.60
FPI 0302BM-3R9M
3.9
± 20%
1V/7.96M
0.20
0.50
FPI 0302BM-4R7M
4.7
± 20%
1V/7.96M
0.20
0.50
FPI 0302BM-5R6M
5.6
± 20%
1V/7.96M
0.23
0.45
FPI 0302BM-6R8M
6.8
± 20%
1V/7.96M
0.25
0.40
FPI 0302BM-8R2M
8.2
± 20%
1V/7.96M
0.30
0.40
FPI 0302BM-100M
10
± 20%
1V/2.52M
0.35
0.35
FPI 0302BM-120M
12
± 20%
1V/2.52M
0.40
0.35
FPI 0302BM-150M
15
± 20%
1V/2.52M
0.50
0.30
FPI 0302BM-180M
18
± 20%
1V/2.52M
0.55
0.30
FPI 0302BM-220M
22
± 20%
1V/2.52M
0.60
0.30
FPI 0302BM-270M
27
± 20%
1V/2.52M
0.70
0.30
FPI 0302BM-330M
33
± 20%
1V/2.52M
1.00
0.25
FPI 0302BM-390M
39
± 20%
1V/2.52M
1.20
0.25
FPI 0302BM-470M
47
± 20%
1V/2.52M
1.50
0.20
FPI 0302BM-560M
56
± 20%
1V/2.52M
1.80
0.20
FPI 0302BM-680M
68
± 20%
1V/2.52M
2.00
0.18
FPI 0302BM-820M
82
± 20%
1V/2.52M
2.50
0.16
FPI 0302BM-101M
100
± 20%
1V/1K
3.00
0.15
FPI 0302BM-121M
120
± 20%
1V/1K
3.50
0.14
FPI 0302BM-151M
150
± 20%
1V/1K
4.00
0.13
FPI 0302BM-181M
180
± 20%
1V/1K
5.00
0.12
FPI 0302BM-221M
220
± 20%
1V/1K
5.50
0.10
FPI 0302BM-271M
270
± 20%
1V/1K
6.00
0.10
FPI 0302BM-331M
330
± 20%
1V/1K
7.00
0.10
FPI 0302BM-391M
390
± 20%
1V/1K
8.00
0.10
FPI 0302BM-471M
470
± 20%
1V/1K
12.00
0.09
Note:
Based on inductance change (△L/L0:≦-35%)@ ambient temp. 25℃
Based on temperature rise (△T:40℃ typ.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com