Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS625LSGTN Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS625LSGTN
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSGTN Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS625LSGTN Datasheet HTML 1Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 2Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 3Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 4Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 5Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 6Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 7Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 8Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Selection Guide
Part Number
Pb-free1
Packing2
ATS625LSGTN-T3
Yes
Tape and Reel 13-in. 800 pcs./reel
1Pb-based variants are being phased out of the product line. Certain variants cited in this footnote are in production but have
been determined to be NOT FOR NEW DESIGN. This classification indicates that sale of this device is currently restricted to
existing customer applications. The device should not be purchased for new design applications because obsolescence in the
near future is probable. Samples are no longer available. Status change: May 1, 2006. These variants include: ATS625LSGTN
2Contact Allegro for additional packing options.
3Some restrictions may apply to certain types of sales. Contact Allegro for details.
▪ Small mechanical size
▪ Optimized Hall IC magnetic system
▪ Fast start-up
▪ AGC and reference adjust circuit
▪ Undervoltage lockout
Features and Benefits (continued)
Description (continued)
for crank applications that utilize targets that possess signature
regions.
TheATS625 is provided in a 4-pin SIP. The Pb (lead) free
option, available by special request, has a 100% matte tin plated
leadframe.
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
See Power Derating section
26.5
V
Reverse-Supply Voltage
VRCC
–18
V
Reverse-Supply Current
IRCC
50
mA
Reverse-Output Voltage
VROUT
–0.5
V
Output Sink Current
IOUT
10
mA
Operating Ambient Temperature
TA
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Terminal List
Name
Description
Number
VCC
Connects power supply to chip
1
VOUT
Output from circuit
2
AUX
For Allegro use only
3
GND
Ground
4
24
3
1
Pin-out Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com