Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS636LSE Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS636LSE
Description  Programmable Back Biased Hall-Effect Switch with TPOS Functionality
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS636LSE Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS636LSE Datasheet HTML 3Page - Allegro MicroSystems ATS636LSE Datasheet HTML 4Page - Allegro MicroSystems ATS636LSE Datasheet HTML 5Page - Allegro MicroSystems ATS636LSE Datasheet HTML 6Page - Allegro MicroSystems ATS636LSE Datasheet HTML 7Page - Allegro MicroSystems ATS636LSE Datasheet HTML 8Page - Allegro MicroSystems ATS636LSE Datasheet HTML 9Page - Allegro MicroSystems ATS636LSE Datasheet HTML 10Page - Allegro MicroSystems ATS636LSE Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ATS635LSE and ATS636LSE
PROGRAMMABLE TRUE POWER-ON HALL-EFFECT GEAR-TOOTH SWITCHES
Page 7 of 15
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2005 Allegro MicroSystems, Inc.
FUNCTION DESCRIPTION: ADDRESSING / PROGRAMMING PROTOCOL
The ATS635LSE and ATS636LSE magnetic operate point (BOP) is programmed by serially addressing the devices
through the supply terminal (1). After the correct operate point is determined, the device programming bits are selected
and blown, then a lock bit is selected and blown to prevent any further (accidental) programming.
Addressing:
Bop is programmable in both the positive and negative direction from its initial value. Addressing is used to
determine the desired code, while programming is used to lock the code. A unique key is needed to blow fuses, while
addressing as described below does not allow for the device to be programmed accidentally.
Addressing with positive polarity.
The magnetic operate point (BOP) is adjustable using 7 bits or 128 addresses. The
Addresses are sequentially selected (Figure 2) until the required operate point is reached. The first address must be
selected with a High voltage pulse (VPP), while the remaining pulses should be VPH Pulses. Note that the difference
between BOP and the magnetic release point (BRP), the Hysteresis (BHYS), is fixed for all addresses.
0
V
PL
V
PH
td(1)
td(0)
V
PP
Figure 2 – Addressing Pulses: Positive Polarity
Addressing with negative polarity.
The magnetic operate point (BOP) is adjustable with negative polarity using 7 bits or
128 addresses. To invert the polarity it is necessary to first apply a keying sequence (Figure 3). Th e polarity key contains
a VPP pulse and at least 1 VPH pulse, but no more than 6 VPH pulses; the key in Figure 3 shows 2 VPH pulses. The
addresses are then sequentially selected until the required operate point is reached. The first address must be selected
with a High voltage pulse (VPP), while the remaining pulses should be VPH Pulses.
0
V
PP
V
PL
V
PH
td(1)
td(0)
Figure 3 – Addressing Pulses: Negative Polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com