Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM2012F2SF Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # BCM2012F2SF
Description  Wire Wound Type Balun
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

BCM2012F2SF Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  BCM2012F2SF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 5Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 6Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 7Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
A
B
1.Features
2.Dimension
3.Part Numbering
4.Specification
TAI-TECH
Part Number
UB/B
Impedance
(Ω)
Test
Frequency
(MHz)
DC
Resistance
(Ω) max.
Rated Power
(dBm) max.
Rated Volt.
(DCV) max.
Withstand
Volt. (DCV)
max.
IR
(MΩ)
min.
Insertion Loss
(dB)max
CMRR
(dB)
BCM2012F2SF-50011-TE2
50/50
400~1800
0.50
27
20
125
10
2.2
15(typ.)
BCM2012F2SF-50011-T02
50/50
40~ 860
1.00
27
20
125
10
2.5
20(typ.)
BCM2012F2SF-50011-MN2
50/50
100~1000
0.35
27
20
50
10
1.0
10(min.)
BCM2012F2SF-50011-ST2
50/50
45~870
1.00
27
20
50
10
1.2
20(min.)
BCM2012F2SF-75011-TE2
75/75
400~1800
0.50
27
20
125
10
2.0
15(typ.)
BCM2012F2SF-75011-T02
75/75
50~1200
0.70
27
20
125
10
1.2
20(typ.)
BCM2012F2SF-75011-MS2
75/75
1000~1500
0.59
27
20
50
10
1.4
20(min.)
1. Low insertion loss at frequency range.
2. BCM2012F2SF series realizes small size and low profile. 2.0x1.2x1.2 mm.
3. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
4. Operating temperature -40~+125℃ (Including self - temperature rise)
Wire Wound Type Balun
BCM2012F2SF-SERIES
BCM 2012
F
2
S
F
-
750
11
-
122
A
B
C
D
E
F
G
H
I
A: Series
B: Dimension
C: Material
Ferrite Core
D: Number of Lines
2=2 lines
E: Type
S=Shielded , N=Unshielded
F: Lead free
G: Impedance Match
750= 75 ohm
H: Turns Rate
11=1:1
I: Control S/N
Internal code
Series
A(mm)
B(mm)
C(mm)
D1(mm)
D2(mm)
E(mm)
2012F2SF
2.0±0.2
1.2±0.2
1.2±0.2
0.50±0.1
0.51±0.1
0.15±0.1
Halogen-free
Halogen


Similar Part No. - BCM2012F2SF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
BCM2012F2SV TAI-TECH-BCM2012F2SV Datasheet
495Kb / 7P
Wire Wound Type Balun
BCM2012F2SV-50011-MN2 TAI-TECH-BCM2012F2SV-50011-MN2 Datasheet
495Kb / 7P
Wire Wound Type Balun
BCM2012F2SV-50011-ST2 TAI-TECH-BCM2012F2SV-50011-ST2 Datasheet
495Kb / 7P
Wire Wound Type Balun
BCM2012F2SV-50011-T02 TAI-TECH-BCM2012F2SV-50011-T02 Datasheet
495Kb / 7P
Wire Wound Type Balun
BCM2012F2SV-50011-TE2 TAI-TECH-BCM2012F2SV-50011-TE2 Datasheet
495Kb / 7P
Wire Wound Type Balun
More results

Similar Description - BCM2012F2SF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DXW21BN7511TL MURATA-DXW21BN7511TL Datasheet
74Kb / 2P
Microchip Transformer (Balun) Wire Wound Type
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
Power Inductors / Wire Wound type
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
Panasonic Semiconductor
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
Power Inductors / Wire Wound type
logo
TDK Electronics
ATB3225-75011CT TDK-ATB3225-75011CT_16 Datasheet
173Kb / 13P
Balun Transformers Wound SMD
ATB2012-50011-T000 TDK-ATB2012-50011-T000 Datasheet
168Kb / 13P
Balun Transformers Wound SMD
logo
Abracon Corporation
ABT-8 ABRACON-ABT-8 Datasheet
1Mb / 6P
Wire Wound Chip Balun Wide Band Transformer
02.04.15
logo
Murata Manufacturing Co...
DXW21B MURATA-DXW21B Datasheet
74Kb / 2P
Microchip Transformer (Balun) Wire Wound Type
logo
TAI-TECH Advanced Elect...
BCM3225F3SF TAI-TECH-BCM3225F3SF Datasheet
115Kb / 1P
Wire Wound Type Balun
BCM2012F2SV TAI-TECH-BCM2012F2SV Datasheet
495Kb / 7P
Wire Wound Type Balun
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com