Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87931I Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS87931I
Description  LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87931I Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS87931I Datasheet HTML 1Page - Integrated Circuit Systems ICS87931I Datasheet HTML 2Page - Integrated Circuit Systems ICS87931I Datasheet HTML 3Page - Integrated Circuit Systems ICS87931I Datasheet HTML 4Page - Integrated Circuit Systems ICS87931I Datasheet HTML 5Page - Integrated Circuit Systems ICS87931I Datasheet HTML 6Page - Integrated Circuit Systems ICS87931I Datasheet HTML 7Page - Integrated Circuit Systems ICS87931I Datasheet HTML 8Page - Integrated Circuit Systems ICS87931I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
87931BYI
www.icst.com/products/hiperclocks.html
REV. A JUNE 23, 2003
2
Integrated
Circuit
Systems, Inc.
ICS87931I
LOW SKEW, 1-TO-6
LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
2
3
,
7
1
,
9
,
1c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
2V
A
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
3N
D
_
R
E
W
O
Pt
u
p
n
Ip
u
ll
u
P
.
s
r
e
d
i
v
i
d
t
u
p
t
u
o
e
h
t
o
t
d
e
f
g
n
i
e
b
y
c
n
e
u
q
e
r
f
e
h
t
s
l
o
r
t
n
o
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
41
K
L
Ct
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
k
c
o
l
C
5R
M
nt
u
p
n
Ip
u
ll
u
P
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
t
e
s
e
r
r
e
t
s
a
M
W
O
L
e
v
i
t
c
A
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
w
o
l
o
g
o
t
s
t
u
p
t
u
o
e
h
t
g
n
i
s
u
a
c
t
e
s
e
r
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
e
h
t
d
n
a
s
r
e
d
i
v
i
d
60
K
L
Ct
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
70
K
L
C
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
C
C
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
5
2
,
4
2
,
6
1
,
8D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
1
1
,
0
1
,
0
N
E
_
K
L
C
1
N
E
_
K
L
C
t
u
p
n
Ip
u
ll
u
P
.
B
3
e
l
b
a
T
e
e
S
.
s
t
u
p
t
u
o
k
c
o
l
c
e
h
t
f
o
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
e
h
t
s
l
o
r
t
n
o
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
1B
F
_
T
X
Et
u
p
n
Ip
u
ll
u
P
.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
n
i
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
E
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
B
F
_
T
X
E
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
8
2
,
1
2
,
3
1V
O
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
5
1
,
4
11
C
Q
,
0
C
Qt
u
p
t
u
O
7
.
s
t
u
p
t
u
o
k
c
o
l
c
C
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
8
1L
E
S
_
L
L
Pt
u
p
n
Ip
u
ll
u
P
e
h
t
o
t
t
u
p
n
i
e
h
t
s
a
s
k
c
o
l
c
e
c
n
e
r
e
f
e
r
d
n
a
L
L
P
e
h
t
n
e
e
w
t
e
b
s
t
c
e
l
e
S
s
e
s
s
a
p
y
b
,
W
O
L
n
e
h
W
.
L
L
P
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
s
r
e
d
i
v
i
d
t
u
p
t
u
o
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
L
L
P
e
h
t
9
1L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
ll
u
P
.
e
c
n
e
r
e
f
e
R
r
o
t
c
e
t
e
D
e
s
a
h
P
e
h
t
s
t
c
e
l
e
S
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
1
K
L
C
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
0
K
L
C
n
,
0
K
L
C
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
0
2L
E
S
_
B
F
T
X
Et
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
c
e
l
e
s
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
E
3
2
,
2
20
B
Q
,
1
B
Qt
u
p
t
u
O
7
.
s
t
u
p
t
u
o
k
c
o
l
c
B
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
7
2
,
6
20
A
Q
,
1
A
Qt
u
p
t
u
O
7
.
s
t
u
p
t
u
o
k
c
o
l
c
A
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
9
2A
L
E
S
_
V
I
Dt
u
p
n
In
w
o
d
ll
u
P
.
A
4
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
A
k
n
a
B
r
o
f
s
e
u
l
a
v
r
e
d
i
v
i
d
t
u
p
t
u
o
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
0
3B
L
E
S
_
V
I
Dt
u
p
n
In
w
o
d
ll
u
P
.
A
4
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
B
k
n
a
B
r
o
f
s
e
u
l
a
v
r
e
d
i
v
i
d
t
u
p
t
u
o
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
1
3C
L
E
S
_
V
I
Dt
u
p
n
In
w
o
d
ll
u
P
.
A
4
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
C
k
n
a
B
r
o
f
s
e
u
l
a
v
r
e
d
i
v
i
d
t
u
p
t
u
o
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
t
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
Ω
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
A
D
D
V
,
O
D
D
V
5
6
4
.
3
=2
1F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com