Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC85N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC85N
Description  4-Bit Magnitude Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC85N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC85N Datasheet HTML 1Page - National Semiconductor (TI) MM74HC85N Datasheet HTML 2Page - National Semiconductor (TI) MM74HC85N Datasheet HTML 3Page - National Semiconductor (TI) MM74HC85N Datasheet HTML 4Page - National Semiconductor (TI) MM74HC85N Datasheet HTML 5Page - National Semiconductor (TI) MM74HC85N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5205
November 1995
MM54HC85MM74HC85
4-Bit Magnitude Comparator
General Description
The MM54HC85MM74HC85 is a 4-bit magnitude compara-
tor that utilizes advanced silicon-gate CMOS technology It
is designed for high speed comparison of two four bit words
This circuit has eight comparison inputs 4 for each word
three cascade inputs (AkB AlB AeB) and three deci-
sion outputs (AkB AlB AeB) The result of a comparison
is indicated by a high level on one of the decision outputs
Thus it may be determined whether one word is ‘‘greater
than’’ ‘‘less than’’ or ‘‘equal to’’ the other word By con-
necting the outputs of the least significant stage to the cas-
cade inputs of the next stage words of greater than four bits
can be compared In addition the least significant stage
must have a high level applied to the AeB input and a low
level to the AkB and AlB inputs
The comparator’s outputs can drive 10 low power Schottky
TTL (LS-TTL) equivalent loads and is functionally and pin
equivalent to the 54LS8574LS85 All inputs are protected
from damage due to static discharge by diodes to VCC and
ground
Features
Y
Typical propagation delay 27 ns
Y
Wide operating voltage range 2 – 6V
Y
Low input current 1 mA maximum
Y
Low quiescent current 80 mA maximum (74HC Series)
Y
Output drive capability 10 LS-TTL loads
Connection Diagram
Dual-In-Line Package
TLF5205 – 1
Order Number MM54HC85 or MM74HC85
Truth Table
Comparing
Cascading
Outputs
Inputs
Inputs
A3 B3
A2 B2
A1 B1
A0 B0
A l BA k BA e BA l BA k BA e B
A3 l B3
X
X
X
X
X
X
H
L
L
A3 k B3
X
X
X
X
X
X
L
H
L
A3 e B3
A2 l B2
X
X
X
X
X
H
L
L
A3 e B3
A2 k B2
X
X
X
X
X
L
H
L
A3 e B3
A2 e B2
A1 l B1
X
X
X
X
H
L
L
A3 e B3
A2 e B2
A1 k B1
X
X
X
X
L
H
L
A3 e B3
A2 e B2
A1 e B1
A0 l B0
X
X
X
H
L
L
A3 e B3
A2 e B2
A1 e B1
A0 k B0
X
X
X
L
H
L
A3 e B3
A2 e B2
A1 e B1
A0 e B0
H
L
L
H
L
L
A3 e B3
A2 e B2
A1 e B1
A0 e B0
L
H
L
L
H
L
A3 e B3
A2 e B2
A1 e B1
A0 e B0
X
X
HL
LH
A3 e B3
A2 e B2
A1 e B1
A0 e B0
H
H
LL
LL
A3 e B3
A2 e B2
A1 e B1
A0 e B0
L
L
LH
HL
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MM74HC85N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
logo
ON Semiconductor
MM74HC86 ONSEMI-MM74HC86 Datasheet
257Kb / 8P
Quad 2-Input Exclusive OR Gate
May 2012 Rev. 1.4.0
logo
Fairchild Semiconductor
MM74HC86M FAIRCHILD-MM74HC86M Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
logo
ON Semiconductor
MM74HC86M ONSEMI-MM74HC86M Datasheet
257Kb / 8P
Quad 2-Input Exclusive OR Gate
May 2012 Rev. 1.4.0
logo
Fairchild Semiconductor
MM74HC86MTC FAIRCHILD-MM74HC86MTC Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
More results

Similar Description - MM74HC85N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com