Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2128A Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC2128A
Description  REMOTE FAN CONTROL IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2128A Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC2128A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 15Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Silan
Semiconductors
SC2128A
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
13
18. VARIOUS OPTIONS
SC2128A accommodates many option possibilities. The options are summarized below:
* Package Option:
Either 16, 18, 20, 22, or 24 pin package.
* Bonding option:
ACC:
Accumulated or non-accumulated timer option.
T0.5:
Timer scale, 0.5/1/2/4 hour timer or 1/2/4/8 timer option.
3LT:
Timer level option, either 4 levels or 3 levels.
NM:
Disable memory mode.
* Metal Option:
b3 ~ b6:
Replaces default customer codes
NMS:
Disable middle wind start-up function
2SW:
Dependent/Independent swing head control option.
RSL:
SLEEP key start-up mode option – select RSL or SLP mode for SLEEP key start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com