Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5ELPRW Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # C5ELPRW
Description  NextPower Catrgory 5E 4PPoE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

C5ELPRW Datasheet(HTML) 1 Page - Hubbell Incorporated.

  C5ELPRW Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hubbell Premise Wiring • Hubbell Incorporated (Delaware) • 40 Waterview Drive • Shelton, CT 06484 • Phone (800) 626-0005 • FAX (860) 535-5368
Cable
UTP Cables
NextPower Catrgory 5E 4PPoE
Features
100W of Power and 1 Gigabit Ethernet Performance
Tested 350 MHz
PoE and PoE+ Ready
Cable-id Alpha Numeric Code Printed
Guaranteed 0.3 dB headroom for IL, ACR and PSACR
Ordering Information
Description
Color
Catalog Number
UPC Number
NextPower Category
5E 4PPoE, 4-Pair,
UTP Cable
White
C5ELPRW
662620619668
Listings
ANSI/TIA-568-C.2 (CATEGORY 5E 4PPoE)
UL Listed
UL Verified
IEEE 802.3af (PoE), IEEE 802.3at (PoE+), IEEE 802.3bt (4PPPoE)
Specifications
Wire
22 AWG Solid Annealed Copper
Primary Insulation
CMP:FEP
Primary Insulation
CMR Polyolefin
Cabling
4 Unshielded Twisted Pairs
Outer Jacket
Flame Retardant PVC
Performance
Installation Temperature
(-40C to +75C (-40F to +167F))
Operation Temperature
(-20C to +75C (-4F to +167F))
Applications
4PPoE – IEEE 802.3bt Type 3 and 4 draft D1.2
HDBaseT Class A and B
PoE Applications
Accessories
SPEEDGAIN Jacks, Category 5e
HXJ5E Series
SPEEDGAIN Patch Panel, Category 5e
HP5Exx (xx=Ports)
SPEEDGAIN Patch Cords, Category 5E
HC5Exxyy (xx = color, yy = length in
feet)


Similar Part No. - C5ELPRW

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C5ELPRB HUBBELL-C5ELPRB Datasheet
492Kb / 1P
NextPower Catrgory 5E 4PPoE
C5ELPRBK HUBBELL-C5ELPRBK Datasheet
494Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
C5ELPRGN HUBBELL-C5ELPRGN Datasheet
495Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
C5ELPRGY HUBBELL-C5ELPRGY Datasheet
493Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
C5ELPRLG HUBBELL-C5ELPRLG Datasheet
495Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
More results

Similar Description - C5ELPRW

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PREMISE_C5ELPRY HUBBELL-PREMISE_C5ELPRY Datasheet
479Kb / 1P
UTP Cables NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPRV HUBBELL-PREMISE_C5ELPRV Datasheet
219Kb / 1P
NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPRR HUBBELL-PREMISE_C5ELPRR Datasheet
495Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPRGY HUBBELL-PREMISE_C5ELPRGY Datasheet
493Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPRB HUBBELL-PREMISE_C5ELPRB Datasheet
492Kb / 1P
NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPPY HUBBELL-PREMISE_C5ELPPY Datasheet
446Kb / 1P
NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPPW HUBBELL-PREMISE_C5ELPPW Datasheet
524Kb / 1P
NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPPV HUBBELL-PREMISE_C5ELPPV Datasheet
402Kb / 1P
NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPPGY HUBBELL-PREMISE_C5ELPPGY Datasheet
493Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPB HUBBELL-PREMISE_C5ELPPB Datasheet
490Kb / 1P
NextPower Catrgory 5E 4PPoE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com