Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5237 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC5237
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5237 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC5237 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5237 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5237 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5237 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5237 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5237 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5237
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
250
V
Collector to emitter voltage
V
CEO
250
V
Emitter to base voltage
V
EBO
3V
Collector current
I
C
150
mA
Collector peak current
I
C(peak)
300
mA
Collector power dissipation
P
C
1.4
W
8*
1
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. T
C = 25°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
250
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
250
—
—
V
I
C = 1 mA, RBE = ∞
Collector cutoff current
I
CBO
—
—
1.0
µA
V
CB = 200 V, IE = 0
Emitter cutoff current
I
EBO
——10
µA
V
EB = 3 V, IC = 0
DC current transfer ratio
h
FE*
1
60
—
200
—
V
CE = 10 V, IC = 10 mA
Base to emitter voltage
V
BE
—
—
1.0
V
V
CE = 10 V, IC = 50 mA
Collector to emitter saturation
voltage
V
CE(sat)
—
—
1.0
V
I
C = 50 mA, IB = 5 mA
Gain bandwidth product
f
T
300
400
—
MHz
V
CE = 30 V, IC = 50 mA
Collector output capacitance
Cob
—
3.5
5.0
pF
V
CB = 30 V, IE = 0, f = 1 MHz
Note:
1. The 2SC2537 is grouped by h
FE and its specification is as follows.
BC
60 to 120
100 to 200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com