Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS673LSETN-HT Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS673LSETN-HT
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673LSETN-HT Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS673LSETN-HT Datasheet HTML 8Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 9Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 10Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 11Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 12Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 13Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 14Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 15Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
AGC (Automatic Gain Control)
The AGC feature is implemented by a unique patented self-
calibrating circuitry. After each power-on, the devices measure
the peak-to-peak magnetic signal. The gain of the sensor is then
adjusted, keeping the internal signal amplitude constant over the
air gap range of the device. This feature ensures that operational
characteristics are isolated from the effects of changes in AG.
The effect of AGC is shown in figure 7.
Magnetic Flux Density Versus Target Edge Position
0
1020
30405060
708090
Target Rotation (°)
0
100
200
300
400
500
600
1.50
AG (mm):
2.00
2.50
3.00
3.50
Target Rotation (°)
Internal Analog Signal after AGC Versus Target Edge Position
0
10
203040
506070
8090
0
0.5
1.0
1.5
2.0
1.50
AG (mm):
2.00
2.50
3.00
3.50
Figure 7. Effect of AGC. The upper panel shows the magnetic gradient detected at the Hall element, with no amplification.
The lower panel displays the corresponding internal processed signal, VPROC. This normalized electrical signal allows optimal
performance by the rest of the circuits that reference this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com