Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

887-3-R220J Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 887-3-R220J
Description  Model 888,887 18&20 pin Dual In-Line Thick Film Resistor Network
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

887-3-R220J Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  887-3-R220J Datasheet HTML 1Page - List of Unclassifed Manufacturers 887-3-R220J Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 887-3-R220J

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
887-3281-02 MOLEX10-887-3281-02 Datasheet
181Kb / 3P
Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1, 1.80m (5.91) Length, Black
More results

Similar Description - 887-3-R220J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1457 VISHAY-1457 Datasheet
74Kb / 1P
Bulk Metal Foil Technology 18 Pin Dual-In-Line Hermetic Resistor Network
28-Aug-02
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
Dual-In-Line Thick Film Resistor Networks
898 ETC1-898 Datasheet
174Kb / 4P
DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
Thick Film, Dual-in-Line Resistor Networks
21-Aug-06
1457 VISHAY-1457_08 Datasheet
125Kb / 2P
Bulk Metal® Foil Technology 18 Pin Dual-In-Line Hermetic Resistor Network
08-Mar-05
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
logo
Dubilier
RN16 DUBILIER-RN16 Datasheet
184Kb / 1P
THICK FILM RESISTOR NETWORK
logo
Vishay Siliconix
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
12-Sep-13
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com