Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMJ6HCD3 Datasheet(PDF) 2 Page - Neutrik AG

Part # NMJ6HCD3
Description  1/4" stereo jack, switched, with chrome ferrule and offset PCB pins, mounting nut included
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NMJ6HCD3 Datasheet(HTML) 2 Page - Neutrik AG

  NMJ6HCD3 Datasheet HTML 1Page - Neutrik AG NMJ6HCD3 Datasheet HTML 2Page - Neutrik AG NMJ6HCD3 Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
Product
Title
NMJ6HCD3
Connection Type
Jack
Gender
female
Electrical
Contact resistance
< 15 mΩ
Contact resistance
< 30 mΩ
Dielectric strength
1 kVdc
Insulation resistance
≥ 1 GΩ @ 500 V dc
Rated current per contact
3 A
Rated current per contact
0,50 A @ 50 V (Switch contact)
Switching contacts
3
Mechanical
Insertion force
< 30 N
Withdrawal force
> 10 N
Lifetime
> 10000 mating cycles
Panel thickness
< 4.7 mm
Wiresize
Wiring
Horizontal PCB mount
Locking device
Retention spring
Mounting direction
Rear mounting
Chassis shape
11.4 mm
Material
Cap / Nut / Washer
PA 6.6 15% GR
Contact plating
2 µm Ag
Contacts
Bronze (CuSn6)
Shell
Polyamide (PA 6.6 15 % GR)
NMJ6HCD3
2
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com