Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0806068 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0806068
Description  Computer Marking System Engraving System CMS-GRAV
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0806068 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0806068 Datasheet HTML 1Page - PHOENIX CONTACT 0806068 Datasheet HTML 2Page - PHOENIX CONTACT 0806068 Datasheet HTML 3Page - PHOENIX CONTACT 0806068 Datasheet HTML 4Page - PHOENIX CONTACT 0806068 Datasheet HTML 5Page - PHOENIX CONTACT 0806068 Datasheet HTML 6Page - PHOENIX CONTACT 0806068 Datasheet HTML 7Page - PHOENIX CONTACT 0806068 Datasheet HTML 8Page - PHOENIX CONTACT 0806068 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Computer Marking System
Engraving System CMS-GRAV
Description
The CMS-GRAV 32 is based on a three-axis coordinate
table with stepping motors and a ball screw free from
play. The multiprocessor-based control drives the three
axes and the tool changer.
The transparent safety cover allows optimum viewing of
the work area from all sides. This is one of the most
important elements of the comprehensive safety
features.
The CMS-GRAV 32 has a processing area (x,y,z) of
500 x 500 x 75 mm and a maximum clamping range
(x,y,z) of 850 x 750 x 150 mm.
The FF (fast frequency) spindle used has a capacity of
170 W and a max. torque of 60,000 rev/min. The special
clamping pliers of the spindle are designed for
processing tools with a shaft diameter of 3 mm.
A special tracing sleeve with the highly precise, spring-
loaded spindle block permits mechanical surface
scanning when slightly uneven workpieces are
engraved. This ensures a constant engraving depth. The
spring is automatically clamped during boring and
milling work.
During metalworking, the tools are cooled with the
coolant spraying device. Any chips that arise during the
processing of plastics are removed with the suction
device. This can be connected to a commercially
available industrial vacuum cleaner.
The tool magazine with its 10 tool holders makes the
CMS-GRAV 32 a fully automatic processing center
which can be used to produce even complicated
workpieces economically.
The precision end switch integrated in the tool magazine
permits the tool change to be monitored and the length
compensation data of the processing tools to be
transferred.
When surface scanning is used, the depth of the
engraving chisels is set with the adjusting device
included in delivery.
The scope of supply includes the serial connection
cable.
Phoenix Contact GmbH & Co. KG • 32823 Blomberg, Germany
Phone +49 52 35 3-00 • Fax +49 52 35 3-4 12 00 • www.phoenixcontact.com


Similar Part No. - 0806068

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
0806 NIC-0806 Datasheet
202Kb / 4P
Surface Mount Multilayer Power Inductor
logo
Bel Fuse Inc.
0806-5400-01 BEL-0806-5400-01 Datasheet
78Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-02 BEL-0806-5400-02 Datasheet
79Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-03 BEL-0806-5400-03 Datasheet
78Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-04 BEL-0806-5400-04 Datasheet
79Kb / 2P
DIPLEXER FILTER MODULES
More results

Similar Description - 0806068

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z53C80 ZILOG-Z53C80 Datasheet
447Kb / 40P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Advantech Co., Ltd.
ARK-6310-3M01E ADVANTECH-ARK-6310-3M01E Datasheet
588Kb / 2P
Fanless Mini-ITX Embedded Computer System
ARK-6310-6M01E ADVANTECH-ARK-6310-6M01E Datasheet
595Kb / 2P
Fanless Mini-ITX Embedded Computer System
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
Intel짰 ATOM??Industrial Computer System
logo
PHOENIX CONTACT
5066256 PHOENIX-5066256 Datasheet
43Kb / 2P
Accessories - CMS-GRAV-WZ/ER
5062962 PHOENIX-5062962 Datasheet
53Kb / 2P
Accessories - CMS-GRAV-KSS 3
09/12/2020
5062988 PHOENIX-5062988 Datasheet
52Kb / 2P
Accessories - CMS-GRAV-ZNH 15
09/12/2020
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
logo
Advantech Co., Ltd.
ESRP-CMS-SR304 ADVANTECH-ESRP-CMS-SR304 Datasheet
1,011Kb / 2P
ESRP-CMS-IPPC5211S Deployment System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com