Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2276CSZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2276CSZ
Description  70MHz/1mA Current Mode Feedback Amp w/Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2276CSZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2276CSZ Datasheet HTML 3Page - Intersil Corporation EL2276CSZ Datasheet HTML 4Page - Intersil Corporation EL2276CSZ Datasheet HTML 5Page - Intersil Corporation EL2276CSZ Datasheet HTML 6Page - Intersil Corporation EL2276CSZ Datasheet HTML 7Page - Intersil Corporation EL2276CSZ Datasheet HTML 8Page - Intersil Corporation EL2276CSZ Datasheet HTML 9Page - Intersil Corporation EL2276CSZ Datasheet HTML 10Page - Intersil Corporation EL2276CSZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Typical Performance Curves (Continued)
Input Bias Current vs
Die Temperature
Short-Circuit Current vs
Die Temperature
Transimpedance (ROL) vs
Die Temperature
-3dB Bandwidth and Peaking
vs Die Temperature for
Various Non-Inverting Gains
-3dB Bandwidth and Peaking
vs Die Temperature for
Various Inverting Gains
Input Offset Voltage
vs Die Temperature
Supply Current vs
Die Temperature
Input Voltage Range vs
Die Temperature
Slew Rate vs
Die Temperature
EL2276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com