| Electronic Components Datasheet Search |
|
ISO7740FDWR Datasheet(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ISO7740FDWR Datasheet(HTML) 36 Page - Texas Instruments |
|
36 / 49 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 25-Feb-2020 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples ISO7740DBQ ACTIVE SSOP DBQ 16 75 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 7740 ISO7740DBQR ACTIVE SSOP DBQ 16 2500 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 7740 ISO7740DW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7740 ISO7740DWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7740 ISO7740FDBQ ACTIVE SSOP DBQ 16 75 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 7740F ISO7740FDBQR ACTIVE SSOP DBQ 16 2500 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 7740F ISO7740FDW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7740F ISO7740FDWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7740F ISO7741BDW PREVIEW SOIC DW 16 40 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741B ISO7741BDWR PREVIEW SOIC DW 16 2000 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741B ISO7741DBQ ACTIVE SSOP DBQ 16 75 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 7741 ISO7741DBQR ACTIVE SSOP DBQ 16 2500 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 7741 ISO7741DW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741 ISO7741DWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741 ISO7741FBDW PREVIEW SOIC DW 16 40 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741FB ISO7741FBDWR PREVIEW SOIC DW 16 2000 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741FB ISO7741FDBQ ACTIVE SSOP DBQ 16 75 Green (RoHS & no Sb/Br) NIPDAU Level-2-260C-1 YEAR -55 to 125 7741F |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |