Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4083CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL4083CS
Description  Current Mode Four Quadrant Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4083CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL4083CS Datasheet HTML 1Page - Intersil Corporation EL4083CS Datasheet HTML 2Page - Intersil Corporation EL4083CS Datasheet HTML 3Page - Intersil Corporation EL4083CS Datasheet HTML 4Page - Intersil Corporation EL4083CS Datasheet HTML 5Page - Intersil Corporation EL4083CS Datasheet HTML 6Page - Intersil Corporation EL4083CS Datasheet HTML 7Page - Intersil Corporation EL4083CS Datasheet HTML 8Page - Intersil Corporation EL4083CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7157
EL4083
Current Mode Four Quadrant Multiplier
The EL4083 makes use of an Elantec
fully complimentary oxide isolated
bipolar process to produce a patent
pending current in, current out four quadrant multiplier. Input
and output signal summing and direct interface to other
current mode devices can be accomplished by simple
connection to reduce component count and preserve
bandwidth. The selection of an appropriate series resistor
value allows an input to accept a voltage signal of any size
and optimize dynamic range. The differential outputs offer
significant performance improvements which greatly extend
the usable gain control range at high frequencies. The bias
current is programmable to accommodate the voltage and
power dissipation constraints of the package and available
systems supplies.
The devices can implement all the classic four quadrant
multiplier applications and are uniquely well suited to gain
control and signal summing of broadband signals.
Pinout
EL4083
8-PIN PDIP, SO
TOP VIEW
Features
• Novel current mode design
- Virtual ground current summing inputs
- Differential ground referenced current outputs
• High speed (both inputs)
- 200MHz bandwidth
- 12ns 1% settling time
• Low distortion
- THD < 0.03% @ 1MHz
- THD < 0.1% @ 10MHz
• Low noise (RL = 50Ω)
- 100dB dynamic range
- 10Hz to 20kHz
- 73dB dynamic range
- 10Hz to 10MHz
• Wide supply conditions
- ±5 to ±15V operation
- Programmable bias current
• 0.2dB gain tolerance to 25MHz
Features
• Four quadrant multiplication
• Gain control
• Controlled signal summing and multiplexing
• HDTV video fading and switching
• Mixing/modulating/demodulating (phase detection)
• Frequency doubling
• Division
• Squaring
• Square rooting
• RMS and power measurement
• Vector addition-RMS summing
• CRT focus and geometry correction
• Polynomial function generation
• AGC circuits
Ordering Information
PART
NUMBER
TEMP.
RANGE
PACKAGE
PKG. NO.
EL4083CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL4083CS
-40°C to +85°C
8-Pin SO
MDP0027
Manufactured under U.S. Patent No. 5,389,840
Data Sheet
December 1995, Rev. B
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
cont
act o
ur Te
chni
cal S
uppo
rt Ce
nter
at
1-88
8-INT
ERS
IL or
www
.inte
rsil.c
om/t
sc
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL4083CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4083CS ELANTEC-EL4083CS Datasheet
283Kb / 16P
Current Mode Four Quadrant Multiplier
More results

Similar Description - EL4083CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
Four-Channel, Four-Quadrant Analog Multiplier
REV.B
logo
Elantec Semiconductor
EL4083C ELANTEC-EL4083C Datasheet
283Kb / 16P
Current Mode Four Quadrant Multiplier
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
130MHz, Four Quadrant, Current Output Analog Multiplier
September 1998
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com