Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2386CSZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL2386CSZ
Description  250MHz Triple Current Feedback Amplifier with Disable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2386CSZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL2386CSZ Datasheet HTML 5Page - Intersil Corporation EL2386CSZ Datasheet HTML 6Page - Intersil Corporation EL2386CSZ Datasheet HTML 7Page - Intersil Corporation EL2386CSZ Datasheet HTML 8Page - Intersil Corporation EL2386CSZ Datasheet HTML 9Page - Intersil Corporation EL2386CSZ Datasheet HTML 10Page - Intersil Corporation EL2386CSZ Datasheet HTML 11Page - Intersil Corporation EL2386CSZ Datasheet HTML 12Page - Intersil Corporation EL2386CSZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
EL2386 Macromodel
* EL2386C Macromodel
* Revision A, July 1996
* AC characteristics used: Rf = Rg = 750 ohms
* Pin numbers reflect a standard single opamp
* Connections:
+input
*
|
-input
*
|
|
+V
supply
*
|
|
|
-V
supply
*
|
|
|
|
output
*
|
|
|
|
|
.subckt EL2386/EL 3
2
7
4
6
*
* Input Stage
*
e1 10 0 3 0 1.0
vis 10 9 0V
h2 9 12 vxx 1.0
r1 2 11 400
l1 11 12 25nH
iinp 3 0 1.5µA
iinm 2 0 3µA
r12 3 0 2Meg
*
* Slew Rate Limiting
*
h1 13 0 vis 600
r2 13 14 1K
d1 14 0 dclamp
d2 0 14 dclamp
*
* High Frequency Pole
*
e2 30 0 14 0 0.00166666666
l3 30 17 150nH
c5 17 0 0.8pF
r5 17 0 165
*
.subckt EL2360/ELIN+IN+IN+IN+IN+INININININ
* Transimpedance Stage
*
g1 0 18 17 0 1.0
rol 18 0 450k
cdp 18 0 0.675pF
*
* Output Stage
*
q1 4 18 19 qp
q2 7 18 20 qn
q3 7 19 21 qn
q4 4 20 22 qp
r7 21 6 4
r8 22 6 4
ios1 7 19 1mA
ios2 20 4 1mA
*
* Supply Current
*
ips 7 4 0.2mA
*
EL2386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com