Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4430CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL4430CS
Description  Video Instrumentation Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4430CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL4430CS Datasheet HTML 1Page - Intersil Corporation EL4430CS Datasheet HTML 2Page - Intersil Corporation EL4430CS Datasheet HTML 3Page - Intersil Corporation EL4430CS Datasheet HTML 4Page - Intersil Corporation EL4430CS Datasheet HTML 5Page - Intersil Corporation EL4430CS Datasheet HTML 6Page - Intersil Corporation EL4430CS Datasheet HTML 7Page - Intersil Corporation EL4430CS Datasheet HTML 8Page - Intersil Corporation EL4430CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Typical Performance Curves (Continued)
EL4431 Differential Gain
and Phase vs Input Offset
Voltage for VS = ±5V
EL4431 Differential Gain
and Phase vs Input Offset
Voltage for VS = ±12V
EL4431 Differential Gain
and Phase Error vs RL
EL4430 Nonlinearity
vs Input Signal Span
EL4431 Nonlinearity
vs Input Signal Span
EL4430 -3dB Bandwidth
and Peaking vs Supply
Voltage for AV = +1
EL4430 -3dB Bandwidth
and Peaking vs Die
Temperature for AV = +1
EL4430 Gain, -3dB Bandwidth
and Peaking vs Load Resistance
for AV = +1
EL4431 -3dB Bandwidth
and Peaking
vs Supply Voltage
EL4431 -3dB Bandwidth
and Peaking vs Die
Temperature for AV = +2
EL4431 Gain, -3dB Bandwidth
and Peaking vs Load
Resistance for AV = +2
EL4430, EL4431



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com