Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4453CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL4453CS
Description  Video Fader
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4453CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL4453CS Datasheet HTML 1Page - Intersil Corporation EL4453CS Datasheet HTML 2Page - Intersil Corporation EL4453CS Datasheet HTML 3Page - Intersil Corporation EL4453CS Datasheet HTML 4Page - Intersil Corporation EL4453CS Datasheet HTML 5Page - Intersil Corporation EL4453CS Datasheet HTML 6Page - Intersil Corporation EL4453CS Datasheet HTML 7Page - Intersil Corporation EL4453CS Datasheet HTML 8Page - Intersil Corporation EL4453CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
V+
Positive Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V
VS
V+ to V- Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . .33V
VIN
Voltage at any Input or Feedback . . . . . . . . . . . . . . . V+ to V-
VIN
Difference between Pairs of Inputs or Feedback. . . . . . . . .6V
∆I
IN
Current into any Input, or Feedback Pin . . . . . . . . . . . . . 4mA
IOUT Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
PD
Maximum Power Dissipation . . . . . . . . . . . . . . . . See Curves
TA
Operating Temperature Range . . . . . . . . . . . . -40°C to +85°C
TS
Storage Temperature Range- . . . . . . . . . . . . 60°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
Power Supplies at ±5V, Sum+ = Sum- = 0, TA = 25°C
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
VDIFF
VINA, VINB, or Sum Differential Input Voltage
Clipping
1.8
2.0
V
0.2% Nonlinearity
0.7
V
VCM
Common-Mode Range (All Inputs; VDIFF = 0)
VS = ±5V
±2.5
±2.8
V
VS = ±15V
±12.5
±12.8
V
VOS
A or B Input Offset Voltage
25
mV
VFADE, 100%
Extrapolated Voltage for 100% Gain for VINA
0.9
1.05
1.2
V
VFADE, 0%
Extrapolated Voltage for 0% Gain for VINA
-1.2
-1.15
-0.9
V
IB
Input Bias Current (All Inputs) with all VIN = 0
9
20
µA
IOS
Input Offset Current between VINA+ and VINA-, VINB+ and VINB-, Fade+ and
Fade-, and Sum+ and Sum-
0.2
4
µA
FT
VINA Signal Feedthrough, VFADE = -1.5V
-100
-60
dB
NL
A or B Input Nonlinearity, VIN between +1V and -1V
VINA or VINB0.2
0.5
%
Sum Input
0.5
%
RIN, Signal
Input Resistance, A, B, or Sum Input
230
k
Ω
RIN, Fade
Input Resistance, Fade Input
120
k
Ω
CMRR
Common-Mode Rejection Ratio, VINA or VINB70
80
dB
PSRR
Power Supply Rejection Ratio
50
70
dB
EG
Gain Error, VFADE = 1.5V
VINA or VINB-2
+2
%
Sum Input
-4
+4
%
VO
Output Voltage Swing (VIN = 0, VREF Varied)
VS = ±5V
±2.5
±2.8
V
VS = ±15V
±12.5
±12.8
V
ISC
Output Short-Circuit Current
40
85
mA
IS
Supply Current, VS = ±15V
17
21
mA
EL4453



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com