Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THP210 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THP210 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THP210 Datasheet HTML 2Page - Texas Instruments THP210 Datasheet HTML 3Page - Texas Instruments THP210 Datasheet HTML 4Page - Texas Instruments THP210 Datasheet HTML 5Page - Texas Instruments THP210 Datasheet HTML 6Page - Texas Instruments THP210 Datasheet HTML 7Page - Texas Instruments THP210 Datasheet HTML 8Page - Texas Instruments THP210 Datasheet HTML 9Page - Texas Instruments THP210 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
THP210
SBOS932 – FEBRUARY 2020
www.ti.com
Product Folder Links: THP210
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = ±1.5 V to ±18 V, VOCM = 0 V, input common mode voltage (VICM) = 0 V, RF = 2 kΩ, and RL = 10 kΩ
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N
Total harmonic distortion and
Noise
Differential input, f = 10 kHz, VO = 10 VPP
–120
dB
Total harmonic distortion and
Noise
Single-ended input, f = 10 kHz, VO = 10 VPP
–115
dB
HD2
Second-order harmonic
distortion
Differential input, f = 10 kHz, VO = 10 VPP
–120
dB
Single-ended input, f = 10 kHz, VO = 10 VPP
–120
dB
HD3
Third-order harmonic distortion
Differential input, f = 10 kHz, VO = 10 VPP
–120
dB
Single-ended input, f = 10 kHz, VO = 10 VPP
–120
dB
Overdrive recovery time
G = 5 V/V, 2x output overdrive, dc-coupled
3.3
µs
ZO
Open-loop output impedance
f = 100 kHz (differential)
14
Ω
CLOAD
Capacitive load drive
Differential capacitive load, no output isolation
resistors, phase margin = 30°
50
pF
OUTPUT
VOL, VOH
Output voltage range low, high
VS = ±2.5 V
100
mV
VS = ±2.5 V, TA = –40°C to 125°C
100
mV
VS = ±18 V
230
mV
VS = ±18 V, TA = –40°C to 125°C
270
mV
ISC
Short-circuit current
±31
mA
OUTPUT COMMON-MODE VOLTAGE
Small-signal bandwidth from
VOCM pin
VVOCM = 100 mVPP
2
MHz
Large-signal bandwidth from
VOCM pin
VVOCM = 0.6 VPP
5.7
MHz
Slew rate from VOCM pin
VVOCM = 0.5-V step, rising
3.5
V/µs
VVOCM = 0.5-V step, falling
5.5
V/µs
DC output balance
VVOCM fixed midsupply (VO = ±1 V)
78
dB
Output balance SSBW
VVOCM fixed midsupply, VO / VOCM (–3 dB from
dc)
TBD
kHz
Output balance LSBW
VVOCM fixed midsupply, VO / VOCM with
VO = 5 VPP (–3 dB from dc)
TBD
kHz
VOCM Input Voltage Range
VS = ±2.5 V
VVS– + 1
VVS+ – 1
VS = ±18 V
VVS– + 2
VVS+ – 2
VOCM input impedance
2.5 || 1
MΩ || pF
VOCM offset from mid-supply
VVOCM pin floating, VO = VICM = 0 V
±1
mV
VOCM common-mode offset
voltage
VVOCM = VICM, VO = 0 V
±1
±6
mV
VVOCM = VICM, VO = 0 V, TA = –40°C to +125°C
±10
mV
VOCM common-mode offset
voltage drift
VVOCM = VICM, VO = 0 V, TA = –40°C to +125°C
±20
±60
µV/°C
POWER SUPPLY
IQ
Quiescent operating current
0.95
1.1
mA
TA = –40°C to +125°C
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com