Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMP6331QDECTQ1 Datasheet(PDF) 15 Page - Texas Instruments

Part # PTMP6331QDECTQ1
Description  TMP63-Q1 100-k廓 Linear Thermistor With Small, 0402 Package Option
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTMP6331QDECTQ1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button PTMP6331QDECTQ1 Datasheet HTML 11Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 12Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 13Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 14Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 15Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 16Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 17Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 18Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
8
9
TMP6
IBias = 5 PA
IBias = 10 PA
IBias = 20 PA
IBias = 30 PA
IBias = 40 PA
15
TMP63-Q1
www.ti.com
SNIS215 – JANUARY 2020
Product Folder Links: TMP63-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Application (continued)
8.2.2 Application Curve
Figure 21. Temperature vs. Voltage at Varying Current Source Values
9 Power Supply Recommendations
The maximum recommended operating voltage of the TMP63-Q1 is 5.5 V (VSNS), and the maximum current
through the device is 400 µA (ISNS).
10 Layout
10.1 Layout Guidelines
The layout of the TMP63-Q1 is similar to that of a passive component. If the device is biased with a current
source, the positive pin 2 is connected to the source, while the negative pin 1 is connected to ground. If the
circuit is biased with a voltage source, and the device is placed on the lower side of the resistor divider, V– is
connected to ground, and V+ is connected to the output (VTEMP). If the device is placed on the upper side of the
divider, V+ is connected to the voltage source and V– is connected to the output voltage (VTEMP). Figure 22
shows the device layout.
10.2 Layout Example
Figure 22. DEC Package Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com