Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6900CL Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL6900CL
Description  Laser Diode Driver with Waveform Generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6900CL Datasheet(HTML) 1 Page - Intersil Corporation

  EL6900CL Datasheet HTML 1Page - Intersil Corporation EL6900CL Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN7275
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL6900
Laser Diode Driver with Waveform
Generator
The EL6900 is a highly integrated
laser diode driver designed to support
Blu-Ray writable optical drives. It
accomplishes this by incorporating a waveform generator
wherein the diode currents and timing details can be
programmed before operation. The data input circuitry
inspects the NRZ serial data waveform and generates
programmed waveforms in recognition of 2, 3, 4, or 5 or
more clock periods of space changing to 2, 3, 4, or 5 or more
clock periods of mark, and vice versa. The part also has an
IV amplifier with concurrent read and write sampling. The
gains of the IV amplifier are programmable, eliminating the
need for external potentiometers.
The architecture allows reprogramming of all output
waveform parameters. The programming is accomplished
through a serial interface port. The clock and NRZ inputs can
be either standard CMOS or LVDS, selectable through a
program bit.
The EL6900 operates on a 5V supply for the analog circuits
and a 3.3V supply for the digital circuits.
Features
• Complete programmable laser diode driver
• 350mA maximum total output
• 8-bit x 8-bit multiplying DAC output provides 8-bit full scale
adjustment and 8-bit resolution at any full scale output
• 120ps timer resolution
• Blu-Ray Disc standard
• Two analog inputs support slope and read APC
• HFM oscillator programmable to 100mAP-P from 100MHz
to 500MHz
• PLL allows reduced-frequency clock on flex cable
• Separate serial input works up to 25MHz
• Dual sampled IV amplifier with programmable sample
select and gain select
• Programmable HFM offset when HFM is off
Applications
• Blu-Ray ultra-density optical (UDO) drives
• Blu-Ray consumer HDTV video recorders
Pinout
EL6900
(38-PIN QFN)
TOP VIEW
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL6900CL
38-Pin QFN
-
MDP0046
EL6900CL-T7
38-Pin QFN
7”
MDP0046
EL6900CL-T13
38-Pin QFN
13”
MDP0046
31
30
29
28
27
26
25
1
2
3
4
5
6
7
THERMAL
PAD
SCLK
MON1
RWB
NRZ
NRZB
GND
GND
PDIN
VREF
VSO
IOUT1
IOUT1
GND
VSO
8
9
24
23
VSO
IOUT2
CLKB
CLK
10
11
12
22
21
20
VSL
VSL
VSA
IOUT2
VSO
RSET
Data Sheet
July 15, 2004
Get FULL DATASHEET


Similar Part No. - EL6900CL

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
EL6910 BECKHOFF-EL6910 Datasheet
7Mb / 144P
TwinSAFE Logic Terminal
logo
Intersil Corporation
EL6915 INTERSIL-EL6915 Datasheet
96Kb / 2P
Laser Diode Driver w/ Waveform Generator
July 7, 2004
EL6915CL INTERSIL-EL6915CL Datasheet
96Kb / 2P
Laser Diode Driver w/ Waveform Generator
July 7, 2004
EL6915CL-T13 INTERSIL-EL6915CL-T13 Datasheet
96Kb / 2P
Laser Diode Driver w/ Waveform Generator
July 7, 2004
EL6915CL-T7 INTERSIL-EL6915CL-T7 Datasheet
96Kb / 2P
Laser Diode Driver w/ Waveform Generator
July 7, 2004
More results

Similar Description - EL6900CL

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6290C ELANTEC-EL6290C Datasheet
137Kb / 2P
Laser Diode Driver with Waveform Generator
EL6291C ELANTEC-EL6291C Datasheet
138Kb / 2P
Laser Diode Driver with Waveform Generator
logo
Intersil Corporation
EL6938 INTERSIL-EL6938 Datasheet
95Kb / 2P
Laser Diode Driver with Waveform Generator
June 24, 2004
EL6196 INTERSIL-EL6196 Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
July 8, 2004
EL6196A INTERSIL-EL6196A Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
September 1, 2004
EL6293 INTERSIL-EL6293 Datasheet
45Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6296 INTERSIL-EL6296 Datasheet
48Kb / 2P
Laser Diode Driver with Waveform Generator
August 18, 2004
EL6298 INTERSIL-EL6298 Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6934 INTERSIL-EL6934 Datasheet
96Kb / 2P
Laser Diode Driver with Waveform Generator
March 17, 2004
EL6934A INTERSIL-EL6934A Datasheet
99Kb / 2P
Laser Diode Driver with Waveform Generator
July 26, 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com