Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT05N Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74ACT05N
Description  HEX INVERTER WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT05N Datasheet(HTML) 1 Page - Motorola, Inc

  MC74ACT05N Datasheet HTML 1Page - Motorola, Inc MC74ACT05N Datasheet HTML 2Page - Motorola, Inc MC74ACT05N Datasheet HTML 3Page - Motorola, Inc MC74ACT05N Datasheet HTML 4Page - Motorola, Inc MC74ACT05N Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-1
FACT DATA
Hex Inverter With
OpenDrain Outputs
The MC74AC/ACT05 is identical in pinout to the LS05. The device inputs are
compatible with standard CMOS outputs; with pullup resistors, they are compatible
with TTL outputs.
• Outputs Source/Sink 24 mA
• ′ACT05 Has TTL Compatible Inputs
GND
Pinout: 14-Lead Packages (Top View)
13
14
12
11
10
9
8
2
1
3
4
5
6
7
VCC
A6
Y6
A5
Y5
A4
Y4
A1
Y1
A2
Y2
A3
Y3
FUNCTION TABLE
Input A
Output Y
L
H
Z
L
Z = High Impedance
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
–0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
–0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
–0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Sink/Source Current, per Pin
± 50
mA
ICC
DC VCC or GND Current per Output Pin
± 50
mA
Tstg
Storage Temperature
–65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended
Operating Conditions.
MC74AC05
MC74ACT05
HEX INVERTER WITH
OPEN-DRAIN OUTPUTS
N SUFFIX
CASE 646-06
PLASTIC PACKAGE
D SUFFIX
CASE 751A-03
PLASTIC PACKAGE


Similar Part No. - MC74ACT05N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT05N ONSEMI-MC74ACT05N Datasheet
139Kb / 10P
Hex Inverter with Open?묭rain Outputs
October, 2006 ??Rev. 8
MC74ACT05NG ONSEMI-MC74ACT05NG Datasheet
139Kb / 10P
Hex Inverter with Open?묭rain Outputs
October, 2006 ??Rev. 8
More results

Similar Description - MC74ACT05N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC05 NSC-54AC05 Datasheet
113Kb / 6P
Hex Inverter with Open Drain Outputs
logo
System Logic Semiconduc...
SL74HC05 SLS-SL74HC05 Datasheet
35Kb / 5P
Hex Inverter with Open-Drain Outputs
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
Hex Inverter with Open Drain Outputs
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
Hex Inverter with Open-Drain Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
logo
NXP Semiconductors
74HC05 NXP-74HC05 Datasheet
90Kb / 13P
Hex inverter with open-drain outputs
Rev. 02-18 June 2009
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A_13 Datasheet
123Kb / 6P
Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
Hex inverter with open-drain outputs
74HC05-Q100 NEXPERIA-74HC05-Q100 Datasheet
858Kb / 15P
Hex inverter with open-drain outputs
74LVC06A NEXPERIA-74LVC06A Datasheet
234Kb / 12P
Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com