Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCDA3.3CP08 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCDA3.3CP08
Description  TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCDA3.3CP08 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCDA3.3CP08 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCDA3.3CP08 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCDA3.3CP08 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCDA3.3CP08
TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
Features
●
Ultra low leakage: nA level
●
Operating voltage: 3.3V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 25A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions SOP-08
Pin Configuration
Mechanical Characteristics
●
Package: SOP-08
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:2,500pcs
●
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
500
W
ESD per IEC 61000−4−2 (Air)
VESD
±15
Kv
ESD per IEC 61000−4−2 (Contact)
±8
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - LCDA3.3CP08

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
LCDA36 SMCDIODE-LCDA36 Datasheet
364Kb / 4P
TVS ARRAY SERIES
Rev. B
logo
Shanghai Leiditech Elec...
LCDA36C-8 LEIDITECH-LCDA36C-8 Datasheet
223Kb / 3P
USB 2.0 power and data line
More results

Similar Description - LCDA3.3CP08

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1004 LITTELFUSE-SP1004 Datasheet
734Kb / 6P
5pF Bidirectional TVS Array for ESD Protection
logo
StarHope
TESD03G2U SPSEMI-TESD03G2U Datasheet
506Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
TESD03G2B SPSEMI-TESD03G2B Datasheet
459Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SMDA03C LEIDITECH-SMDA03C Datasheet
330Kb / 3P
TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
logo
Rectron Semiconductor
TEPMXXC RECTRON-TEPMXXC Datasheet
250Kb / 5P
Bidirectional TVS Diode Array
TEPMXXCM RECTRON-TEPMXXCM Datasheet
132Kb / 4P
Bidirectional TVS Diode Array
TEPMXXMC RECTRON-TEPMXXMC Datasheet
186Kb / 4P
Bidirectional TVS Diode Array
logo
Shanghai Leiditech Elec...
SMC15Q LEIDITECH-SMC15Q Datasheet
608Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
SMDA33C LEIDITECH-SMDA33C Datasheet
337Kb / 3P
TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
TPD2E007DCKR LEIDITECH-TPD2E007DCKR Datasheet
334Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
Rev : 01.06.2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com