Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4880 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC4880
Description  Silicon NPN Triple Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4880 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC4880 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4880 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4880 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4880 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4880 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4880 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC4880
3
160
120
80
40
0
50
100
150
200
Case Temperature
Tc (
°C)
Maximum Collector Power Dissipation Curve
20
16
12
8
4
400
800
1200
1600
2000
Collector to Emitter Voltage
V
(V)
Maximum Safe Operation Area
CE
0
(100 V, 20 A)
(900 V, 3 A)
0.5 mA
Ta = 25
°C
For picture tube arcing
10
5
05
10
Collector to Emitter Voltage
V
(V)
Typical Output Characteristics
CE
I = 0
0.2 A
0.4 A
0.6 A
0.8 A
1 A
1.2 A
1.4 A
1.6 A
1.8 A
2 A
Tc = 25
°C
B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com