Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB-T5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVB-T5
Description  Teseo-V Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVB-T5 Datasheet(HTML) 1 Page - STMicroelectronics

  EVB-T5 Datasheet HTML 1Page - STMicroelectronics EVB-T5 Datasheet HTML 2Page - STMicroelectronics EVB-T5 Datasheet HTML 3Page - STMicroelectronics EVB-T5 Datasheet HTML 4Page - STMicroelectronics EVB-T5 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
ST Teseo-V STA8100GA with RF Front-End STA5635A GNSS platform
•
Multiconstellation and MultiBand GNSS: GPS, Galileo Glonass, BeiDou, QZSS
supported
•
USB Power Supply
•
Button:
–
ON/OFF button
–
Reset button
–
Boot button
•
NMEA over
–
UART by USB
•
PPS output
•
Leds:
–
PPS
–
Power
–
Antenna
•
ODO/CAN connector
•
ST ASM330LHH MEMS
Description
The EVB-T5 board is a complete standalone evaluation platform for Teseo-V
STA8100GA GNSS Multi Band and Multi Constellation Receiver with STA5635A RF
Front-End IC solution.
The EVB-T5 is designed for best STA8100GA and STA5635A best performance.
Boot and Reset buttons allow an easy programming procedure.
The 4-pins connector allows access to the ODO/CAN signals to simplify car-
connection.
Teseo-V embeds the high performance ARM Cortex-M7 microprocessor with RF
front-end able to support different bands (L1, L2 and L5), UART communication
interfaces.
The STA5635A is a fully integrated RF front-end able to support different bands (L2
and L5) with a programmable IF Bandwidth (7 or 13 MHz).
Performance and configuration can be analysed using the ST Teseo Suite PC Tool
available on www.st.com.
Product status link
EVB-T5
Order code
References
EVB-T5
Teseo-V Evaluation Board
Teseo-V Evaluation Board
EVB-T5
Data brief
DB4139 - Rev 1 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVB-T5

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EVB-20019 SMSC-EVB-20019 Datasheet
181Kb / 4P
Industrial ARCNET AT Adapter Card
EVB-20020 SMSC-EVB-20020 Datasheet
179Kb / 5P
Industrial ARCNET AT Adapter Card
EVB-20022 SMSC-EVB-20022 Datasheet
201Kb / 8P
Industrial ARCNET AT Adapter Card
logo
Intel Corporation
EVB-EM2130H01 INTEL-EVB-EM2130H01 Datasheet
3Mb / 46P
Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
EVB-EM2130L02 INTEL-EVB-EM2130L02 Datasheet
3Mb / 46P
Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
More results

Similar Description - EVB-T5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
logo
NXP Semiconductors
UM10438 PHILIPS-UM10438 Datasheet
3Mb / 38P
UBA2015AP 120 V (AC) evaluation board
Rev. 2.1-9 March 2012
logo
STMicroelectronics
AEK-COM-GNSST31 STMICROELECTRONICS-AEK-COM-GNSST31 Datasheet
941Kb / 7P
GNSS evaluation board based on Teseo-LIV3F for SPC5 microcontrollers
03-Feb-2020
EVB-LIV3F STMICROELECTRONICS-EVB-LIV3F Datasheet
86Kb / 4P
Teseo-LIV3F GNSS module Evaluation Board
November 2017 Rev 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com