Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF350A Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHF350A
Description  Rad-hard 550 MHz low noise operational amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHF350A Datasheet HTML 9Page - STMicroelectronics RHF350A Datasheet HTML 10Page - STMicroelectronics RHF350A Datasheet HTML 11Page - STMicroelectronics RHF350A Datasheet HTML 12Page - STMicroelectronics RHF350A Datasheet HTML 13Page - STMicroelectronics RHF350A Datasheet HTML 14Page - STMicroelectronics RHF350A Datasheet HTML 15Page - STMicroelectronics RHF350A Datasheet HTML 16Page - STMicroelectronics RHF350A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Figure 26. Circuit for 5 V single supply
+
_
R2
750 Ω
R
G
IN
+5 V
100 Ω
OUT
R
fb
10 µF
+ 1 µF
100 µ F
R1
750 Ω
+5 V
10 nF
R
in
1 kΩ
C
G
+
6.2
Noise measurements
The noise model is shown in Figure 28. Noise model.
•
eN: input voltage noise of the amplifier
•
iNn: negative input current noise of the amplifier
•
iNp: positive input current noise of the amplifier
Figure 27. Noise model
+
_
R3
R1
Output
R2
iN-
iN+
HP3577
Input noise:
8 nV/ Hz
N1
N2
N3
eN
√
The thermal noise of a resistance R is:
4kT R∆F
Where ΔF is the specified bandwidth, and k is the Boltzmann's constant, equal to 1,374.10-23J/°K. T is the
temperature (°K).
On a 1 Hz bandwidth the thermal noise is reduced to:
4kT R
RHF350A
Noise measurements
DS6219 - Rev 8
page 13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com