Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA203V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-ISA203V1
Description  48 V flyback converter 12 V ??5 A based on PM8804
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA203V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-ISA203V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA203V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA203V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA203V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA203V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA203V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA203V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4
Schematic diagrams
Figure 5. STEVAL-ISA203V1 board schematic
P owe rFLAT 5x6
P owe rFLAT 5x6
P o w e r c ir c u it
F e e d b a c k c ir c u it
In p u t F ilt e r
N O T E
s y n c h m o s fe t
N c h 6 0 V 1 0 m illi m a x Q t < 3 0 n c
Fs w 200khz
120K
SS
4ms
10nF
DT 50ns
91K
Blanking 70ns 130K
S OT23
X5R
X5R
X5R
X5R
X5R
A u x ilia r y v o lt a g e
N O T E
p r im a r y m o s fe t
N c h 2 0 0 V 5 0 m illi m a x Q t
< 3 0 n c
N O T E
in t e r n a l a u x ilia r y v o lt a g e m u s t b e
s e t b e t w e e n 1 0 V a n d 1 1 V
fr o m n o lo a d t o fu ll lo a d
S OT23
Vin (48V)
GND
2KV
1812
DO3316H-121MLD
10 X10.2mm_EEEFK2A330P
S GND
AGND
S GND
S GND
P GND
S GND
P GND
P GND
P GND
S GND
S GND
S GND
P GND
S GND
P GND
AGND
P GD
V12V
V12V
VS N
VGS
VGS
P GD
V12V
P GD
R5
10R
1206
C1
NM
C15
3.3nF
0805
TP 1
TP -RED
C12
47uF
1210
25V
R21
51K
1%
TP 9
TP -Ye llow
C10
47uF
1210
25V
D2
BAS 70J FILM
R29
NM
1%
R11
NM
C2
100pF
0805
R17
NM
1%
TP 10
TP -Ye llow
TP 2
TP -BLACK
C31
NM
0603
R33
330R
J 4
S GND
C26
100nF
R6
0R
0805
L1
XAL5050-562-DNM
1
2
C34
10nF
R25
1K
U3
FOD817AS D
C33
2200pF
1812
2KV
R1
100R
1206
R4
10R
1206
C13
47uF
1210
25V
U4
TS 2431AILT
C36
33nF
U6
TS 2431AILT
L2
0.12uH
1
2
U5
FOD817AS D
C7
4.7uF
1210
100V
R38
82k
1%
R13
0R
C6
4.7uF
1210
100V
C30
NM
TP 5
TP -RED
C25
47nF
1206
200V
R24
R100
1206
R2
47R
R37
5.6k
1%
J 1
R31 10R
C8
4.7uF
1210
100V
D4
BAS 16J
R20
130K
1%
C38
47nF
C32
2.2uF
25V
0603
J 3
+12V
Q2
BS C500N20NS 3GATMA1
4
C18
NM
25V
0603
U1
S RK1000
VCC
1
GND
2
GD
3
TON
4
VAUX
5
DVS
6
C4
4.7uF
1210
100V
R10
240K
0805
R3
10R
0805
R26 91K
1%
C37
100pF
C22
100p
R7
0R
TP 7
TP -Re d
1
5
4
3
10
8
7
6
2
11
12
9
R30
510R
R8
10R
0805
D5
BAS 70J FILM
C21
NM
C5
NM
0805
C35
NM
TP 13
Mounting_Hole _3p5mm
1
R12
10K
0805
C19
2.2uF
25V
0603
R35
3.0K
U2
P M8804
NC1
5
P GD
6
NC2
7
VIN
8
MODE
13
CS
14
CTL
15
BLK
16
TP 12
TP -RED
C29
NM
Q3
S I2325DS -T1-E3
G
1
C23
1uF
R27 120K
1%
C24
100nF
25V
0603
R9
330R
J 2
GND
TP 14
Mounting_Hole _3p5mm
1
TP 11
TP -Re d
C27
1nF
0805
100V
R39
R100
1206
R22
10K
D1
BAS 70J FILM
C11
47uF
1210
25V
R32
0R
R34
20k
1%
R18
10k
R14
47K
C28 10nF
TP 15
Mounting_Hole _3p5mm
1
Q1
STL130N8F7
4
R19
NM
TP 8
TP -Re d
TP 3
TP -RED
+
C9
330uF
D3
1N4148WS
R15
0R
0805
TP 4
TP -Ye llow
R23
R100
1206
D6
BAS 70J FILM
TP 16
Mounting_Hole _3p5mm
1
C16
47uF
1210
25V
R16 10R
0805
C17
47uF
1210
25V
TP 6
TP -BLACK
C14
100nF
0603
C20
1nF
0805
100V
R28
12K
1%
R36
3.3K
1%
+
C3
33uF/100V
S GND
VS N
VS P
T1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com