Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-VP22201B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-VP22201B
Description  5 V - 360 mA buck converter based on VIPer222XSTR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-VP22201B Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-VP22201B Datasheet HTML 1Page - STMicroelectronics STEVAL-VP22201B Datasheet HTML 2Page - STMicroelectronics STEVAL-VP22201B Datasheet HTML 3Page - STMicroelectronics STEVAL-VP22201B Datasheet HTML 4Page - STMicroelectronics STEVAL-VP22201B Datasheet HTML 5Page - STMicroelectronics STEVAL-VP22201B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
Universal input mains range: 85–265 VAC
•
Frequency: 50-60Hz
•
Output voltage: 5 V
•
Output current: 360 mA
•
Very compact size
•
Stand-by mains consumption: < 18mW at 230 VAC
•
Tight line and load regulation over the entire input and output range
•
Meets IEC55022 Class B conducted EMI even with reduced EMI filter, thanks to
the frequency jittering feature
•
RoHS compliant
Description
The STEVAL-VP22201B evaluation board implements a 5 V - 1.8 W isolated flyback
converter developed for general purpose applications operating from 85 to 265 VAC.
The reference design is built around the VIPer222XSTR offline high-voltage
converter from the VIPerPlus family, with 730 V Power MOSFET and PWM current-
mode control.
The main characteristics of the evaluation board are its small size and minimal BOM,
low stand-by consumption and tight line and load regulation over the entire input and
output range. Extremely low consumption under no-load condition is ensured thanks
to burst mode operation that reduces the average switching frequency and minimizes
all frequency related losses.
VIPer222XSTR operates at 30 kHz fixed frequency with frequency jittering to enable
compliance with standards regarding electromagnetic disturbance.
Product summary
5 V/360 mA buck
converter based on
VIPer222
STEVAL-
VP22201B
high performance,
high voltage converter
with embedded Power
MOSFET and PWM
control
VIPer222
Applications
Buck and Buck-
Boost Converters
Non-Isolated
Auxiliary Power
Supply up to 20W
5 V - 360 mA buck converter based on VIPer222XSTR
STEVAL-VP22201B
Data brief
DB4123 - Rev 1 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVAL-VP22201B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
More results

Similar Description - STEVAL-VP22201B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2872 STMICROELECTRONICS-AN2872 Datasheet
587Kb / 23P
Super wide-range buck converter based on the VIPer16
23-Apr-2009
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
logo
Silicon Mitus, Inc.
SM6003 SILICONMITUS-SM6003 Datasheet
359Kb / 1P
36 V, 600 mA Buck Converter
December 2017 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com