Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5907 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 39Page - Texas Instruments LP5907 Datasheet HTML 40Page - Texas Instruments LP5907 Datasheet HTML 41Page - Texas Instruments LP5907 Datasheet HTML 42Page - Texas Instruments LP5907 Datasheet HTML 43Page - Texas Instruments LP5907 Datasheet HTML 44Page - Texas Instruments LP5907 Datasheet HTML 45Page - Texas Instruments LP5907 Datasheet HTML 46Page - Texas Instruments LP5907 Datasheet HTML 47Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
EXAMPLE BOARD LAYOUT
DQN0004A
X2SON - 0.4 mm max height
PLASTIC SMALL OUTLINE - NO LEAD
4215302/E 12/2016
NOTES: (continued)
7.
This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
8.
If any vias are implemented, it is recommended that vias under paste be filled, plugged or tented.
www.ti.com
SOLDER MASK
DEFINED
SOLDER MASK DETAIL
0.05 MIN
ALL AROUND
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
LAND PATTERN EXAMPLE
SCALE: 40X
SYMM
SYMM
1
2
3
4
4X (0.21)
4X (0.36)
(0.65)
(0.86)
(
0.48)
SEE DETAIL
4X (0.18)
(0.22) TYP
EXPOSED METAL
CLEARANCE
4X
(0.03)
EXPOSED METAL
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com