Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF50BA40 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DF50BA40
Description  DIODE(THREE PHASES BRIDGE TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF50BA40 Datasheet(HTML) 2 Page - SanRex Corporation

  DF50BA40 Datasheet HTML 1Page - SanRex Corporation DF50BA40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DF50BA40/80
Maximum Forward Characteristics
Forward Voltage Drop(V)
20
10
50
200
100
Tj=25℃
Output Current vs. Power Dissipation
Output Current(A)
150
50
10
20
30
50
40
Three Phase
Output Current(A)
Output Current vs. Allowable case Temp
150
140
130
120
110
100
90
10
20
30
40
50
60
Three Phase
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
1000
500
10
10
10
60Hz
50Hz
Per one element
Tj=25℃ start
Transient Thermal Impedance(max)
Time
t(sec)
0.
0.
0.
0.
10
-3
10
-1
10
-2
10
10
-1
10
Junction to Case
10
-1∼5×10sec.
10
-3∼10-1sec.
SanRex
®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com